Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8444LF085 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD8444LF085
Description  N-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444LF085 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD8444LF085 Datasheet HTML 1Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 2Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 3Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 4Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 5Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 6Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
tm
January 2009
©2009 Fairchild Semiconductor Corporation
FDD8444L_F085 Rev A (W)
www.fairchildsemi.com
1
FDD8444L_F085
N-Channel PowerTrench® MOSFET
40V, 50A, 6.0m
Features
Typ rDS(on) = 3.8mΩ at VGS = 5V, ID = 50A
Typ Qg(tot) = 46nC at VGS = 5V
Low Miller Charge
Low Qrr Body Diode
UIS Capability (Single Pulse/ Repetitive Pulse)
Qualified to AEC Q101
RoHS Compliant
Applications
Automotive Engine Control
Powertrain Management
Solenoid and Motor Drivers
Electronic Transmission
Distributed Power Architecture and VRMs
Primary Switch for 12V and 24V systems
A D
F R E E I


Similar Part No. - FDD8444LF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD8444L-F085 ONSEMI-FDD8444L-F085 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
More results

Similar Description - FDD8444LF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com