Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR40S3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BAR40S3
Description  Small Signal Schottky (double) diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAR40S3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAR40S3 Datasheet HTML 1Page - Cystech Electonics Corp. BAR40S3 Datasheet HTML 2Page - Cystech Electonics Corp. BAR40S3 Datasheet HTML 3Page - Cystech Electonics Corp. BAR40S3 Datasheet HTML 4Page - Cystech Electonics Corp. BAR40S3 Datasheet HTML 5Page - Cystech Electonics Corp. BAR40S3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C302S346.13
Revised Date : 2012.02.10
Page No. : 2/7
BAR40S3/BAR40AS3/BAR40CS3/BAR40SS3
CYStek Product Specification
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature
Tstg.................................................................................................... -65~+150
°C
Junction Temperature Tj .......................................................................................................-55~ +125
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) Ptot (Note) ......................................................................... 200 mW
• Maximum Voltages and Currents (Ta=25°C)
Repetitive Peak Reverse Voltage VRRM............................................................................................... 40 V
Continuous Forward Current IF ................................................................................................... 200 mA
Repetitive Peak Forward Current(tp≤1s,duty cycle≤0.5)………………………………………… 300mA
Non-repetitive Peak Forward Current (tp<10ms, sinusoidal) IFSM ............................................... 600 mA
Note: for double diodes, Ptot is the total power dissipation of both diodes.
Characteristics (Ta=25
°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100μA
40
-
V
VF(1)
IF=1mA
-
320
mV
Forward Voltage (Note 1)
VF(2)
IF=40mA
-
500
mV
VF(3)
IF=100mA
-
550
mV
Reverse Leakage Current (Note 2)
IR
VR=30V, Tj=25℃
-
200
nA
Diode Capacitance
CD
VR=1V, f=1MHz
-
10
pF
Reverse Recovery Time
trr
IF=IR=10mA RL=100
Ω
measured at IR=1mA
-
5
ns
Notes
: 1.pulse test, tp=380μs,duty cycle<2%.
2.pulse test, tp=5ms,duty cycle<2%.


Similar Part No. - BAR40S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAR40S2 CYSTEKEC-BAR40S2 Datasheet
256Kb / 6P
   Small Signal Schottky diode
BAR40SN3 CYSTEKEC-BAR40SN3 Datasheet
246Kb / 7P
   Small Signal Schottky (double) diodes
More results

Similar Description - BAR40S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAT54XN3 CYSTEKEC-BAT54XN3 Datasheet
176Kb / 4P
   Small Signal Schottky (double) diodes
BAT54XS3 CYSTEKEC-BAT54XS3 Datasheet
183Kb / 4P
   Small Signal Schottky (double) diodes
BAR40AS3 CYSTEKEC-BAR40AS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
BAS70AS3 CYSTEKEC-BAS70AS3 Datasheet
264Kb / 6P
   Small Signal Schottky (double) diodes
BAR40AN3 CYSTEKEC-BAR40AN3 Datasheet
246Kb / 7P
   Small Signal Schottky (double) diodes
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com