Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W40S11 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W40S11
Description  SDRAM Buffer - 2 DIMM (Mobile)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S11 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W40S11 Datasheet HTML 3Page - Cypress Semiconductor W40S11 Datasheet HTML 4Page - Cypress Semiconductor W40S11 Datasheet HTML 5Page - Cypress Semiconductor W40S11 Datasheet HTML 6Page - Cypress Semiconductor W40S11 Datasheet HTML 7Page - Cypress Semiconductor W40S11 Datasheet HTML 8Page - Cypress Semiconductor W40S11 Datasheet HTML 9Page - Cypress Semiconductor W40S11 Datasheet HTML 10Page - Cypress Semiconductor W40S11 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W40S11-02
8
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
DC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V±5%
Parameter
Description
Test Condition/Comments
Min
Typ
Max
Unit
IDD
3.3V Supply Current
at 66 MHz
120
160
mA
IDD
3.3V Supply Current
at 100 MHz
185
220
mA
IDD Tristate
3.3V Supply Current in
Three-State
510
mA
Logic Inputs
VIL
Input Low Voltage
VSS–0.3
0.8
V
VIH
Input High Voltage
2.0
VDD+0.5
V
IILEAK
Input Leakage Current, BUF_IN
–5+5
µA
IILEAK
Input Leakage Current[3]
–20
+5
µA
Logic Outputs (SDRAM0:9)[4]
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
IOL
Output Low Current
VOL = 1.5V
70
110
185
mA
IOH
Output High Current
VOH = 1.5V
65
100
160
mA
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
5pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
Note:
3.
OE, SDATA, and SCLOCK logic pins have a 250-k
Ω internal pull-up resistor (V
DD – 0.8V).
4.
All SDRAM outputs loaded by 6" transmission lines with 22-pF capacitors on ends.


Similar Part No. - W40S11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11 CYPRESS-W40S11 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11 CYPRESS-W40S11 Datasheet
193Kb / 11P
   Clock Buffer/Driver
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02H SPECTRALINEAR-W40S11-02H Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02X SPECTRALINEAR-W40S11-02X Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
More results

Similar Description - W40S11

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Winbond
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
logo
Cypress Semiconductor
W40S01-04 CYPRESS-W40S01-04 Datasheet
134Kb / 10P
   SDRAM Buffer - 4 DIMM
logo
Winbond
W83178S WINBOND-W83178S Datasheet
129Kb / 7P
   100 MHZ 3-DIMM SDRAM BUFFER
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
KBE00S003M SAMSUNG-KBE00S003M Datasheet
1Mb / 86P
   1Gb NAND*2 256Mb Mobile SDRAM*2
DS_M390S2858CT1 SAMSUNG-DS_M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
logo
Integrated Circuit Syst...
ICS93712 ICST-ICS93712 Datasheet
388Kb / 6P
   2 DIMM DDR Fanout Buffer
logo
PhaseLink Corporation
PLL103-07 PLL-PLL103-07 Datasheet
144Kb / 7P
   2 DIMM DDR Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com