Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLM822M80V35X50F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRLM822M80V35X50F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM822M80V35X50F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRLM822M80V35X50F Datasheet HTML 1Page - NIC-Components Corp. NRLM822M80V35X50F Datasheet HTML 2Page - NIC-Components Corp. NRLM822M80V35X50F Datasheet HTML 3Page - NIC-Components Corp. NRLM822M80V35X50F Datasheet HTML 4Page - NIC-Components Corp. NRLM822M80V35X50F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
FEATURES
• NEW SIZES FOR LOW PROFILE AND HIGH DENSITY DESIGN OPTIONS
• EXPANDED CV VALUE RANGE
• HIGH RIPPLE CURRENT
• LONG LIFE
• CAN-TOP SAFETY VENT
• DESIGNED AS INPUT FILTER OF SMPS
• STANDARD 10mm (.400") SNAP-IN SPACING
NRLM Series
SPECIFICATIONS
(* 47,000
μF add 0.14, 68,000μF add 0.35.)
Notice for Mounting
The space from the top of the can shall be more than (3mm)
from chassis or other construction materials so that safety
vent has room to expand in case of emergency.
Sleeve Color: Dark
Blue
Can Top Safety Vent
Sleeve and Minus
Polarity Marking
(4.0mm Leads Available As Option)
D+1
Max.
L
± 2
6.3
± 1
0.8
10
(-)
(+)
MAXIMUM EXPANSION
FOR SAFETY VENT
Approx.
3.0mm
Recommended PC Board Mounting Holes:
10
± .1
∅= 2 ± 0.1
D
∅ ± 0.5
Chassis
PC Board
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Operating Temperature Range
-40 ~ +85°C
-25 ~ +85°C
Rated Voltage Range
16 ~ 250Vdc
350 ~ 450Vdc
Rated Capacitance Range
180 ~ 68,000
μF
56 ~ 680
μF
Capacitance Tolerance
±20% (M)
Max. Leakage Current (
μA)
After 5 minutes (20°C)
3 x C(
μF)V
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
16
25
35
50
63
80
100
160~450
Tan
δ max.
0.50*
0.40* 0.35 0.30 0.25
0.20
0.20
0.15
Surge Voltage
W.V. (Vdc)
16
25
35
50
63
80
100
160
S.V. (Vdc)
20
32
44
63
79
100
125
200
W.V. (Vdc)
180
200
250 350 400
450
-
-
S.V. (Vdc)
220
250
300 400 450
500
-
-
Ripple Current
Correction Factors
Frequency (Hz)
50
60
100 120 500
1K
10K ~ 50K
-
Multiplier at 85°C
0.75
0.80
0.95 1.00 1.05
1.08
1.15
-
Low Temperature
Stability (10 to 250Vdc)
Temperature (°C)
0
-25
-40
-
-
-
-
-
Capacitance Change
-5%
-15% -30%
-
-
-
-
-
Impedance Ratio
1.5
3
9
-
-
-
-
-
Load Life Test
2,000 hours at +85°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
1,000 hours at +85°C
(no load)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test
Per JIS-C-5141 (table #6, #4)
Surge voltage applied: 30 seconds
"On" and 5.5 minutes no voltage "Off"
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Soldering Effect
Refer to
MIL-STD-202F Method 210A
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NRLM822M80V35X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLM822M80V35X30F NIC-NRLM822M80V35X30F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLM822M80V35X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com