Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF18D290E Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELF18D290E
Description  Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF18D290E Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELF18D290E Datasheet HTML 1Page - Panasonic Semiconductor ELF18D290E Datasheet HTML 2Page - Panasonic Semiconductor ELF18D290E Datasheet HTML 3Page - Panasonic Semiconductor ELF18D290E Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
21.0
±0.5
32.0 max.
15.0
±0.5
23.0 max.
4-
f 1.2
21.0
±0.1
4-
f1.2
±0.1
1
2
3
4
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
Frequency (MHz)
ELF22V030B(3.0A)
(For Low Frequency)
ELF22V030A(3.0A)
(Standard)
ELF22V030C(3.0A)
(For high Frequency)
Series V
Type 22V
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF22V020A
233 20A
23.3
0.203
2.0
ELF22V050A
402 50A
4.0
0.038
5.0
ELF22V025A
123 25A
12.6
0.114
2.5
ELF22V060A
302 60A
3.0
0.025
6.0
ELF22V030A
982 30A
9.8
0.085
3.0
ELF22V070A
202 70A
2.0
0.021
7.0
ELF22V035A
732 35A
7.3
0.072
3.5
ELF22V080A
102 80A
1.0
0.014
8.0
ELF22V040A
582 40A
5.8
0.059
4.0
Impedance Characteristics
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF22V020B
273 20B
27.0
0.194
2.0
ELF22V040B
692 40B
6.9
0.057
4.0
ELF22V025B
183 25B
18.0
0.138
2.5
ELF22V050B
452 50B
4.5
0.037
5.0
ELF22V030B
133 30B
13.1
0.102
3.0
ELF22V060B
322 60B
3.2
0.027
6.0
ELF22V035B
932 35B
9.3
0.075
3.5
ELF22V070B
222 70B
2.2
0.022
7.0
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF22V020C
163 20C
16.0
0.170
2.0
ELF22V035C
582 35C
5.8
0.069
3.5
ELF22V025C
982 25C
9.8
0.115
2.5
ELF22V040C
452 40C
4.5
0.054
4.0
ELF22V030C
802 30C
8.0
0.091
3.0
Dimensions in mm (not to scale)
Recommended PWB piercing plan
● Standard Parts (22V
A)
● Standard Parts (22V
B)
● Standard Parts (22V
C)
DC Resistance
DC Resistance
DC Resistance
May. 2006


Similar Part No. - ELF18D290E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF18D290E PANASONIC-ELF18D290E Datasheet
117Kb / 4P
   Line Filters
ELF18D290E PANASONIC-ELF18D290E Datasheet
88Kb / 2P
   Line Filters
ELF18D290E PANASONIC-ELF18D290E Datasheet
71Kb / 2P
   Line Filters
ELF18D290E PANASONIC-ELF18D290E Datasheet
122Kb / 3P
   Dimensions in mm (not to scale)
More results

Similar Description - ELF18D290E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com