Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W42C31 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W42C31
Description  Spread Spectrum Frequency Timing Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W42C31 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W42C31 Datasheet HTML 1Page - Cypress Semiconductor W42C31 Datasheet HTML 2Page - Cypress Semiconductor W42C31 Datasheet HTML 3Page - Cypress Semiconductor W42C31 Datasheet HTML 4Page - Cypress Semiconductor W42C31 Datasheet HTML 5Page - Cypress Semiconductor W42C31 Datasheet HTML 6Page - Cypress Semiconductor W42C31 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
W42C31-09
5
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
IDD
Supply Current
30
45
mA
tON
Power Up Time
First locked clock cycle after
Power Good
5ms
VIL (Logic Inputs)
Input Low Voltage
0.15VDD
V
VIL (CLKIN)
Input Low Voltage
0.4
V
VIH (Logic Inputs)
Input High Voltage
0.7VDD
V
VIH (CLKIN)
Input High Voltage
4.2
V
VOL
Output Low Voltage
IOL = 25.7mA
0.4
V
VOH
Output High Voltage
IOH = 118.mA
2.5
V
IIL
Input Low Current
Note 2
–100
µA
IIH
Input High Current
Note 2
10
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
All pins except CLKIN
7
pF
CI
Input Capacitance
CLKIN pin only
6
10
pF
RP
Input Pull-Up Resistor
500
k
ZOUT
Clock Output Impedance
25
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V±10%
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency
Input Clock
30
40
55
MHz
fOUT
Output Frequency
Spread Off
30
40
55
MHz
tR
Output Rise Time
V, 15-pF load 0.8 – 2.4
2
5
ns
tF
Output Fall Time
V, 15-pF load 2.4 – 0.8
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fout = 40 MHz, third harmonic
measured, reference board,
15-pF load
8dB
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 5V±10%
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency
Input Clock
30
40
55
MHz
fOUT
Output Frequency
Spread Off
30
40
55
MHz
tR
Output Rise Time
V, 15-pF load 0.8 – 2.4
2
5
ns
tF
Output Fall Time
V, 15-pF load 2.4 – 0.8
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fout = 40 MHz, third harmonic
measured, reference board,
15-pF load
8dB


Similar Part No. - W42C31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
More results

Similar Description - W42C31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
   Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com