Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W42C32 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W42C32
Description  Spread Spectrum Frequency Timing Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W42C32 Datasheet(HTML) 6 Page - Cypress Semiconductor

  W42C32 Datasheet HTML 1Page - Cypress Semiconductor W42C32 Datasheet HTML 2Page - Cypress Semiconductor W42C32 Datasheet HTML 3Page - Cypress Semiconductor W42C32 Datasheet HTML 4Page - Cypress Semiconductor W42C32 Datasheet HTML 5Page - Cypress Semiconductor W42C32 Datasheet HTML 6Page - Cypress Semiconductor W42C32 Datasheet HTML 7Page - Cypress Semiconductor W42C32 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
W42C32-05
6
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 5V±10%. 3.3V±5%
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency
12
28
MHz
fOUT
Output Frequency
18
100
MHz
tR
Output Rise Time
15-pF load 0.4V–2.4V
1
2
ns
tF
Output Fall Time
15-pF load 2.4V–0.8V
1
2
ns
tOD
Output Duty Cycle
15-pF load, VDD = 5.0V
45
55
%
tOD
Output Duty Cycle
15-pF load, VDD = 3.3V
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fin = 16 MHz, ninth harmonic measured,
reference board, 15-pF load
8dB


Similar Part No. - W42C32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
More results

Similar Description - W42C32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com