Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W48S101-04 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # W48S101-04
Description  Spread Spectrum Motherboard Frequency Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48S101-04 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button W48S101-04 Datasheet HTML 4Page - Cypress Semiconductor W48S101-04 Datasheet HTML 5Page - Cypress Semiconductor W48S101-04 Datasheet HTML 6Page - Cypress Semiconductor W48S101-04 Datasheet HTML 7Page - Cypress Semiconductor W48S101-04 Datasheet HTML 8Page - Cypress Semiconductor W48S101-04 Datasheet HTML 9Page - Cypress Semiconductor W48S101-04 Datasheet HTML 10Page - Cypress Semiconductor W48S101-04 Datasheet HTML 11Page - Cypress Semiconductor W48S101-04 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
W48S101-04
PRELIMINARY
10
PCI Clock Outputs, PCI1:7 and PCI_F (Lump Capacitance Test Load = 30 pF
Parameter
Description
Test Condition/Comments
CPU = 66.8/100 MHz
Unit
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.5V
30
ns
tH
High Time
Duration of clock cycle above 2.4V
12
ns
tL
Low Time
Duration of clock cycle below 0.4V
12
ns
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum
difference of cycle time between two adjacent cycles.
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
500
ps
tO
CPU to PCI Clock Skew
Covers all CPU/PCI outputs. Measured on rising
edge at 1.5V. CPU leads PCI output.
1.5
4
ns
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to frequency
stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
30
APIC0:1 Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.8/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.31818
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.0V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.0V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.25V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
1.5
ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
15
REF0:2 Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.8/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
40


Similar Part No. - W48S101-04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
More results

Similar Description - W48S101-04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
   Spread Spectrum Frequency Timing Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com