Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35572-0700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35572-0700
Description  2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35572-0700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35572-0700 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/10/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35572-0700
Status:
Active
Description:
2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
Material, 7 Circuits, Natural
Documents:
3D Model
Product Specification PS-35572-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
35572
Application
Signal, Wire-to-Board, Wire-to-Wire
Product Name
N/A
UPC
800755993172
Physical
Breakaway
No
Circuits (maximum)
7
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
0.639/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.50mm
Pitch - Termination Interface
2.50mm
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35572-001
Sales Drawing
SD-35572-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35572Series
Mates With
35312 Vertical Shrouded Header, 35184
Plug Housing
Use With
57915 Wire-to-Board Terminal
This document was generated on 09/10/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35572-0700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35572-0700 MOLEX5-35572-0700 Datasheet
117Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6 Material, 7 Circuits, Natural
More results

Similar Description - 35572-0700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35572-0500 MOLEX11-35572-0500 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0600 MOLEX11-35572-0600 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-1200 MOLEX11-35572-1200 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-1000 MOLEX11-35572-1000 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-1002 MOLEX11-35572-1002 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0800 MOLEX11-35572-0800 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0900 MOLEX11-35572-0900 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0400 MOLEX11-35572-0400 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0602 MOLEX11-35572-0602 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-1100 MOLEX11-35572-1100 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com