Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W48S87 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W48S87
Description  Spread Spectrum 3 DIMM Desktop Clock
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48S87 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W48S87 Datasheet HTML 1Page - Cypress Semiconductor W48S87 Datasheet HTML 2Page - Cypress Semiconductor W48S87 Datasheet HTML 3Page - Cypress Semiconductor W48S87 Datasheet HTML 4Page - Cypress Semiconductor W48S87 Datasheet HTML 5Page - Cypress Semiconductor W48S87 Datasheet HTML 6Page - Cypress Semiconductor W48S87 Datasheet HTML 7Page - Cypress Semiconductor W48S87 Datasheet HTML 8Page - Cypress Semiconductor W48S87 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
W48S87-04
PRELIMINARY
3
REF0/CPU3.3#_2.5
2
I/O
Fixed 14.318-MHz Output 0 and CPU Output Voltage Swing Selection
Input: As an output, this pin is used for various system applications. Output
voltage swing is controlled by voltage applied to VDD1. REF0 is stronger than
REF1 and should be used for driving ISA slots.
When an input, this pin selects the CPU clock output buffer characteristics that
are optimized for either 3.3V or 2.5V operation.
CPU3.3#_2.5
VDDQ2 Voltage (CPU0:3 Swing)
03.3V
12.5V
This input adjusts CPU clock output impedance so that a nominal 20
Ω output
impedance is maintained. This eliminates or reduces the need to adjust exter-
nal clock tuning components when changing VDDL2 voltage. CPU clock phase
is also adjusted so that both CPU and SDRAM and CPU-to-PCI clock skew is
maintained over the two VDDL2 voltage options. This input does not adjust
IOAPIC clock output characteristics.
REF1(CPU_Stop#)
46
I/O
Fixed 14.318-MHz Output 0 or CPU Clock Output Stop Control: Used for
various system applications. Output voltage swing is controlled by voltage ap-
plied to VDD1. REF0 is stronger than REF1 and should be used for driving ISA
slots.
If programmed as an input (refer to MODE pin description), this pin is used for
stopping the CPU clock outputs. When brought LOW, clock outputs CPU0:3
are stopped LOW after completing a full clock cycle (2–3 CPU clock latency).
When brought HIGH, clock outputs CPU0:3 are starting beginning with a full
clock cycle (2–3 CPU clock latency).
X1
4
I
Crystal Connection or External Reference Frequency Input: This pin has
dual functions. It can be used as an external 14.318-MHz crystal connection
or as an external reference frequency input.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal.
If using an external reference, this pin must be left unconnected.
SDATA
23
I
Serial Data Input: Data input for Serial Data Interface. Refer to Serial Data
Interface section that follows.
SCLOCK
24
I
Serial Clock Input: Clock input for Serial Data Interface. Refer to Serial Data
Interface section that follows.
VDD1
1
P
Power Connection: Power supply for crystal oscillator and REF0:1 output
buffers. Connected to 3.3V supply.
VDD2
6,14
P
Power Connection: Power supply for PCI clock output buffers. Connected to
3.3V supply.
VDDL1
48
P
Power Connection: Power supply for IOAPIC output buffer. Connected to 2.5V
or 3.3V supply.
VDDL2
42
P
Power Connection: Power supply for CPU clock output buffers. Connected to
2.5V or 3.3V supply.
VDD3
19, 30, 36
P
Power Connection: Power supply for SDRAM clock output buffers. Connected
to 3.3V supply.
GND
3, 9, 16, 22,
27, 33, 39,
45
G
Ground Connection: Connect all ground pins to the common system ground
plane.
Pin Definitions (continued)
Pin Name
Pin
No.
Pin
Type
Pin Description


Similar Part No. - W48S87

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S87 CYPRESS-W48S87 Datasheet
248Kb / 19P
   Desktop/Notebook Frequency Generator
W48S87-72 CYPRESS-W48S87-72 Datasheet
248Kb / 19P
   Desktop/Notebook Frequency Generator
More results

Similar Description - W48S87

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W130 CYPRESS-W130 Datasheet
116Kb / 8P
   Spread Spectrum Desktop/Notebook System Clock
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
logo
Maxim Integrated Produc...
MAX31C80 MAXIM-MAX31C80 Datasheet
936Kb / 9P
   Spread-Spectrum Clock Generators
Rev 0; 4/10
logo
Fujitsu Component Limit...
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com