Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-110 Datasheet(PDF) 1 Page - Clare, Inc.

Part # TG-110
Description  HIGH ENERGY SPARK GAP DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-110 Datasheet(HTML) 1 Page - Clare, Inc.

  TG-110 Datasheet HTML 1Page - Clare, Inc. TG-110 Datasheet HTML 2Page - Clare, Inc. TG-110 Datasheet HTML 3Page - Clare, Inc. TG-110 Datasheet HTML 4Page - Clare, Inc. TG-110 Datasheet HTML 5Page - Clare, Inc. TG-110 Datasheet HTML 6Page - Clare, Inc. TG-110 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
564
DESCRIPTION
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
HIGH ENERGY SPARK GAP DEVICES
TG Legacy Series
VOLTAGE RANGES
APPLICATIONS
FEATURES
CP Clare’s TG Legacy Series of two electrode sparkgaps excel in applications that require the efficient transfer of
high voltage, high energy pulses and DC overvoltage protection for magnetrons, diodes, capacitors, etc. The TG
Legacy Series also includes three electrode triggered sparkgaps (cold cathode thyratrons) for switching high
levels of stored energy in fractions of a microsecond, on command, using low energy control pulses.
s Tight DC breakdown voltage tolerance (
± 10%)
s Long-life tungsten or molybdenum electrodes
s Rugged ceramic-to-metal or glass-to-metal
construction
s Test equipment
s Video displays
s Pulse generators
s Medical electronics
Series
DC Breakdown
Units
Voltage
TG
Two
0.345 - 60.0
kV
Electrode
TG
1.0 - 27.5
kV
Three
Electrode
(See detailed specifications for more data. Contact CP Clare for TG and XG part numbers or for other
requirements not listed.)


Similar Part No. - TG-110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-222 CLARE-TG-222 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-224 CLARE-TG-224 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-225 CLARE-TG-225 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-226 CLARE-TG-226 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
More results

Similar Description - TG-110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com