Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-148 Datasheet(PDF) 3 Page - Clare, Inc.

Part # TG-148
Description  HIGH ENERGY SPARK GAP DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-148 Datasheet(HTML) 3 Page - Clare, Inc.

  TG-148 Datasheet HTML 1Page - Clare, Inc. TG-148 Datasheet HTML 2Page - Clare, Inc. TG-148 Datasheet HTML 3Page - Clare, Inc. TG-148 Datasheet HTML 4Page - Clare, Inc. TG-148 Datasheet HTML 5Page - Clare, Inc. TG-148 Datasheet HTML 6Page - Clare, Inc. TG-148 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPECIFICATIONS
566
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
HIGH ENERGY SPARK GAP DEVICES
Two Electrode High-Energy Spark Gaps
All characteristics at 25˚C.
PART
DC BREAKDOWN
INITIAL
REPETITIVE
PACKAGE
DIMENSION A
DIMENSION B
DIMENSION C
NUMBER
VOLTAGE
PULSE
PULSE
OUTLINE
(INCHES)
(INCHES)
(INCHES)
(KV
± 10%)
BREAKDOWN
BREAKDOWN
VOLTAGE (KV)(3)
VOLTAGE (KV)(3)
TG-61
0.75
5
0.770
± .062
0.310
± .020
0.520
± .022
TG-62
1.00
5
0.770
± .062
0.310
± .020
0.520
± .022
TG-63
1.25
5
0.770
± .062
0.310
± .020
0.520
± .022
TG-64
1.50
5
0.770
± .062
0.310
± .020
0.520
± .022
TG-65
2.00
5
0.770
± .062
0.310
± .020
0.520
± .022
TG-66
2.50
5
0.790
± .062
0.310
± .020
0.540
± .022
TG-67
3.00
5
0.790
± .062
0.310
± .020
0.540
± .022
TG-68
4.00
5
0.820
± .062
0.340
± .020
0.570
± .022
TG-69
5.00
5
0.820
± .062
0.340
± .020
0.570
± .022
TG-70
6.00
5
0.820
± .062
0.340
± .020
0.570
± .022
TG-71
8.00
5
0.860
± .062
0.380
± .020
0.610
± .022
TG-72
10.00
5
0.860
± .062
0.380
± .020
0.610
± .022
TG-73
12.50
5
0.965
± .062
0.490
± .020
0.715
± .022
TG-74
15.00
5
0.965
± .062
0.490
± .020
0.715
± .022
TG-75
17.50
5
0.965
± .062
0.490
± .020
0.715
± .022
TG-76
0.40
± .05
1
0.600
± .030
0.494
± .031
0.250 max
TG-77
-
9.0 - 11.5
9.0 - 11.5
special
TG-78
1.00
1A
0.620 max
0.425
± .031
TG-79
2.50
2
TG-82
15.00
15.0 - 19.0
13.0 - 18.0
7A
0.950
± .050
TG-83
16.50
16.0 - 22.0(4)
16.0 - 22.0(4)
2—
TG-84
30.00
31.0 - 43.0(4)
31.0 - 43.0(4)
4
4.000
± .188
TG-85
15.00
9.0 - 11.5
9.0 - 11.5
special
TG-86
0.60
1A
0.620 max
0.537
± .031
TG-87
0.80
1A
0.620 max
0.537
± .031
TG-89(2)
2.90
1
0.620 max
0.460
± .031
0.188 max
TG-90
20.00
17.0 - 24.0
special
TG-98
0.345
± .045
3A
TG-99
2.75
± 0.25
2
TG-100
38.00
4
4.000
± .188
0.440
± .031
0.188 max
TG-102
1.25
1A
0.620 max
0.440
± .031
0.188 max
TG-103
1.50
1A
0.620 max
0.445
± .031
0.188 max
TG-104
2.00
1A
0.620 max
0.445
± .031
0.188 max
TG-105
2.50
1A
0.620 max
0.445
± .031
0.188 max
TG-106
3.00
1A
0.620 max
0.487
± .031
0.188 max
TG-107
3.50
1A
0.620 max
0.487
± .031
0.188 max
TG-108
4.00
1A
0.620 max
0.487
± .031
0.188 max
TG-109
5.00
1A
0.620 max
0.487
± .031
0.188 max
TG-110
0.40
± .05
1A
0.620 max
TG-112
0.20
± .10
1
0.620 max
0.455
± .031
0.275
± .075
TG-115
13.00
± 1.00
3
TG-116(6)
25.00
4A
3.750
± .125
TG-117
21.00
17.0 - 24.0
7
2.000
± .125
TG-118
21.50
16.0 - 22.0
5
0.965
± .062
0.490
± .020
0.715
± .022
TG-119
45.00
4
4.250
± .188
TG-120
8.00
7.4 - 8.7
5
0.860
± .062
0.380
± .020
0.610
± .022
(1) 6-32 tapped hole in non-tubulated end.
(2) Identical tubulation on both ends.
(3) The voltage level at which the spark discharge occurs when a unipolarity pulse train is applied to the gap. Typically, the pulse repetition rate is 400 pps (pulses/second) with a rise
time of 0.3
µs and a pulse width of 0.5 µs. The “initial” range specifies at what increasing voltage the gap begins to fire and the “rep” range specifies at what decreasing voltage the
gap ceases to fire repetitively.
(4) Pulse repetition rate is 1500pps instead of the standard 400pps.
(5) Though outlines 2, 3, and 3A are identical, the electrode materials and configurations vary internally.
(6) Though outlines 4 and 4A are identical, gaps with outline 4A have heavier internal construction to withstand more severe shock and vibration.


Similar Part No. - TG-148

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-222 CLARE-TG-222 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-224 CLARE-TG-224 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-225 CLARE-TG-225 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-226 CLARE-TG-226 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
More results

Similar Description - TG-148

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com