Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZBN474Z55V215X8F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEZBN474Z55V215X8F
Description  Memory Back-Up Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEZBN474Z55V215X8F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEZBN474Z55V215X8F Datasheet HTML 1Page - NIC-Components Corp. NEZBN474Z55V215X8F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEZBN Series
NIC P/N
Case Size
(mm)
Capacitance
(F)
Holding Voltage
(VDC min.)*
Max. Leakage Current
@ minutes (
μA)
Max. ESR @
1KHz (
Ω)
NEZBN473Z5.5V13.5X7.5F
13.5X7.5
0.047
4.0
69 @ 30 minutes
25
NEZBN104Z5.5V13.5X7.5F
13.5X7.5
0.1
4.0
100 @ 30 minutes
25
NEZBN224Z5.5V13.5X7.5F
13.5X7.5
0.22
4.0
135 @ 30 minutes
25
NEZBN334Z5.5V13.5X7.5F
13.5X7.5
0.33
4.0
182 @ 30 minutes
25
NEZBN474Z5.5V21.5X8F
21.5X8
0.47
4.0
216 @ 30 minutes
20
NEZBN105Z5.5V21.5X8F
21.5X8
1.0
4.0
315 @ 30 minutes
20
Rated Voltage Range
5.5VDC
Rated Capacitance Range
0.047F ~ 1.0F (47,000
μF ~ 1,000,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 70°C
1,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
Temperature Characteristics
-25°C & +70°C
Δ Capacitance Change
Within +30% of 20°C value
Maximum ESR
Less than 5x 20°C value
Shelf Life @ +70°C
(1,000 hours)
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
FEATURES
• DOUBLE LAYER CONSTRUCTION
• LOW ESR
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
*Minimum voltage at 24 hours after changing for 1 hour at 5VDC.
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
NEZBN 474 Z 5.5V 21.5x8 F
RoHS Compliant
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant,
third digit is no. of zeros
Series
PART NUMBER SYSTEM


Similar Part No. - NEZBN474Z55V215X8F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZB104Z55V135X75F NIC-NEZB104Z55V135X75F Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZB105Z55V215X8F NIC-NEZB105Z55V215X8F Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZB155Z55V215X8F NIC-NEZB155Z55V215X8F Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZB224Z55V135X75F NIC-NEZB224Z55V135X75F Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
More results

Similar Description - NEZBN474Z55V215X8F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
   Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
   Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
   Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com