Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-111196-8 Datasheet(PDF) 39 Page - Tyco Electronics

Part # 1-111196-8
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-111196-8 Datasheet(HTML) 39 Page - Tyco Electronics

Back Button 1-111196-8 Datasheet HTML 35Page - Tyco Electronics 1-111196-8 Datasheet HTML 36Page - Tyco Electronics 1-111196-8 Datasheet HTML 37Page - Tyco Electronics 1-111196-8 Datasheet HTML 38Page - Tyco Electronics 1-111196-8 Datasheet HTML 39Page - Tyco Electronics 1-111196-8 Datasheet HTML 40Page - Tyco Electronics 1-111196-8 Datasheet HTML 41Page - Tyco Electronics 1-111196-8 Datasheet HTML 42Page - Tyco Electronics 1-111196-8 Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
39
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System —
Paddle Board Connector
Direct soldering of a ribbon
cable onto a PC Board is
a very difficult job with the
smaller sizes of ribbon
cable. If such a permanent
cable connection is
required, the application
can be facilitated by using
this connector type.
The Paddle Board connec-
tor is applied to the ribbon
cable with the same appli-
cation tooling, available
for the termination of the
Male-on-Wire connector.
The solder legs are
indented and provide
mechanical retention of the
connector/cable assembly
in the PC Board before and
during soldering.
This Paddle Board connec-
tor version is designed to
be soldered onto PC
Boards with a nominal thick-
ness of 1.6 mm.
A
A
A
B
5.00
[.197]
2.54
[.100]
1.27
[.050]
6.75
[.266]
0.80
[.031]
2.54
[.100]
2.54
[.100]
1.27
[.050]
7.10
[.280]
Typical Hole Pattern
Not Solder Side Shown
Section A-A
Notes:
1. To enable automatic Pick & Placement, connectors are always packed
in embossed tape according EIA481 specification.
2. Standard packaging quantity is 900 pcs on a reel with a diameter of 330 mm.
3. Connectors are supplied with or without a feature for vacuum
Pick & Placement.
4. For this connector no additional solder hold down is required.
No. of Positions
Dimensions (mm)
Part Numbers
A
B
C
2500 Connectors/Reel
250 Connectors/Box
4
8.6
5.4
3.81
215570-4
7-215570-4
6
11.1
8.0
6.35
215570-6
7-215570-6
8
3.6
10.5
8.89
215570-8
7-215570-8
10
16.2
13.0
11.43
1-215570-0
8-215570-0
12
18.7
15.6
13.97
1-215570-2
8-215570-2
14
21.3
18.1
16.51
1-215570-4
8-215570-4
16
23.8
20.7
19.05
1-215570-6
8-215570-6
18
26.3
23.2
21.59
1-215570-8
8-215570-8
20
28.9
25.7
24.13
2-215570-0
9-215570-0
24
34.0
30.8
29.21
2-215570-4
No mate — direct soldering
of ribbon cable onto the
PC Board
METRIC
Dimensions are
millimeters over inches


Similar Part No. - 1-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-111196-8 MACOM-1-111196-8 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
1-111196-8 MACOM-1-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-111196-8 MACOM-1-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 1-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com