Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-8 Datasheet(PDF) 60 Page - Tyco Electronics

Part # 2-111196-8
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-8 Datasheet(HTML) 60 Page - Tyco Electronics

Back Button 2-111196-8 Datasheet HTML 56Page - Tyco Electronics 2-111196-8 Datasheet HTML 57Page - Tyco Electronics 2-111196-8 Datasheet HTML 58Page - Tyco Electronics 2-111196-8 Datasheet HTML 59Page - Tyco Electronics 2-111196-8 Datasheet HTML 60Page - Tyco Electronics 2-111196-8 Datasheet HTML 61Page - Tyco Electronics 2-111196-8 Datasheet HTML 62Page - Tyco Electronics 2-111196-8 Datasheet HTML 63Page - Tyco Electronics 2-111196-8 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
60
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
DIP Plugs, .100 x .600 [2.54 x 15.24] Centers
Material and Finish
Housing and Cover — Black thermo-
plastic, UL 94V-0 rated
Contacts — Phosphor bronze, plated
.000050 [0.00127] nickel underplate on
entire contact, .000005 [0.000127] min.
gold on termination (IDC) end. See table
for leg finish.
Contact Design — Flat, tuning fork
style IDC
Related Product Data
Application Tooling — pages 70-74
Technical Documents
Product Specification
108-1538 DIP Plug
Ribbon Cable Requirements —
28 AWG stranded or 26, 28 and 30 AWG
solid wire
Housing Assembly with
Cover (Preassembled)
No. of
Dimensions
Contact
DIP Plugs
Pos.
ABC
Plating
(Preassembled)
24
1.150
1.288
1.100
Duplex1
5746615-1
29.21
32.72
27.94
28
1.350
1.488
1.300
Duplex1
5746615-2
34.29
37.80
33.02
40
1.950
2.088
1.900
Duplex1
5746615-3
49.53
53.04
48.26
1
.000015 [0.00038] gold on leg
Recommended Mounting
Hole Pattern
(for .094-.125 [2.39-3.18]
thick pc boards)


Similar Part No. - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-8 MACOM-2-111196-8 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com