Electronic Components Datasheet Search |
|
2-111196-1 Datasheet(PDF) 51 Page - Tyco Electronics |
|
2-111196-1 Datasheet(HTML) 51 Page - Tyco Electronics |
51 / 100 page 51 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions Note: All part numbers are RoHS compliant. Novo Receptacles, Dual Polarized, .100 x .100 [2.54 x 2.54] Centers No. of Dimensions Strain Relief Receptacle Pos. ABC Part No. (Preassembled) 10 .450 .680 .400 499252-5 1658624-1 11.43 17.27 10.16 14 .650 .880 .600 499252-9 1658624-2 16.51 22.35 15.24 16 .750 .980 .700 499252-8 1658624-3 19.05 24.89 17.78 20 .950 1.180 .900 499252-2 1658624-4 24.13 29.97 22.86 24 1.150 1.380 1.100 1-499252-0 1658624-5 29.21 35.05 27.94 26 1.250 1.480 1.200 499252-3 1658624-6 31.75 37.59 30.48 30 1.450 1.680 1.400 1-499252-2 1658624-7 36.83 42.67 35.56 34 1.650 1.880 1.600 499252-6 1658624-8 41.91 47.75 40.64 40 1.950 2.180 1.900 499252-1 1658624-9 49.53 55.37 48.26 50 2.450 2.680 2.400 499252-4 1-1658624-0 62.23 68.07 60.96 64 3.150 3.380 3.100 1-499252-3 1-1658624-2 80.01 85.85 78.74 Material and Finish Housing, Cover & Strain Relief — UL 94V-0 rated thermoplastic, black Contacts — Phosphor bronze, duplex plated .000030 [0.00076] gold or gold flash over palladium-nickel .000030 [0.00076] min. total on post/pin mating end, .000100-.000200 [0.00254- 0.00508] tin on termination end, with entire contact underplated .000050 [0.00127] nickel. Related Product Data Mateable Pin Headers — Universal — pages 84-95 Low Profile — pages 76-83 Mateable Universal I/O Pin Connectors — pages 45 and 46 Accessories Pull Tabs — page 63 Keying Plug — page 64 Pull Loops — page 66 Strain Relief — page 68 Application Tooling — pages 70-74 Technical Documents Product Specifications 108-40000 Novo and Novo Stackable Receptacles; 108-40004 Ribbon Cable, PVC Insulated Application Specification 114-40005 Novo Receptacles Instruction Sheets Instructional material covering operation, setup, maintenance, repair, etc. is included with each machine, tool or die set. If this material is required prior to receiving your tooling, call TE at the numbers listed below for the applicable documents. Housing Assembly with Recessed Cover (Preassembled) and Strain Relief (Optional) C .100 [2.54] .100 [2.54] .140 [3.56] .190 [4.83] .140 [3.56] .460 [11.68] .135 [3.43] .240 [6.10] .422 [10.72] Ref. .464 [11.79] Ref. .570 [14.48] Ref. .650 [16.51] Ref. A .100 [2.54] Cover Housing Assembly Terminated with Cover and Strain Relief Terminated with Cover Housing Assembly and Cover .629 [15.98] Ref. .329 [8.36] .093 [2.36] B .106 [2.69] Position No. 1 Index Slot |
Similar Part No. - 2-111196-1 |
|
Similar Description - 2-111196-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |