Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-1 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 6-104068-1
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-1 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 6-104068-1 Datasheet HTML 21Page - Tyco Electronics 6-104068-1 Datasheet HTML 22Page - Tyco Electronics 6-104068-1 Datasheet HTML 23Page - Tyco Electronics 6-104068-1 Datasheet HTML 24Page - Tyco Electronics 6-104068-1 Datasheet HTML 25Page - Tyco Electronics 6-104068-1 Datasheet HTML 26Page - Tyco Electronics 6-104068-1 Datasheet HTML 27Page - Tyco Electronics 6-104068-1 Datasheet HTML 28Page - Tyco Electronics 6-104068-1 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
25
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Cable-to-Board Connectors
Product Facts
I
Double-row receptacle
connectors provide cable-
to-board connection
capabilities for vertical
headers (non-latching) and
right-angle headers
(latching and non-latching)
I
IDC (Insulation
Displacement Crimp) mass
termination of solid or
stranded round conductor
.050 [1.27] centerline
ribbon cable with PVC or
polyethylene insulation
I
Accommodates ribbon cable
conductor sizes of 28 AWG
[0.08-0.09 mm2] and 30
AWG [0.05 mm2] and
insulation diameters up to
.036 [0.91] maximum
I
Reliable single beam
receptacle contact design
I
Duplex plated receptacle
contacts; gold plated in
mating area, tin in
termination area
I
Terminating covers (sold
separately) provide both
strain relief and protection
to the termination area
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Connectors available with or
without metal latch
I
Connectors without latches
are polarized to help
prevent mismating
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association
File No. LR7189
These double-row cable
connectors, with a .050 x
.050 [1.27 x 1.27] centerline
contact spacing, provide
cable-to-board connection
capabilities for the
AMPMODU 50/50 Grid
Connector System. Cable
connectors without a latch
will mate with the vertical
headers (page 21), while
cable connectors with or
without a latch can be used
to mate with the right-angle
headers (page 24).
The cable connectors
feature reliable single-
beam IDC (insulation
displacement crimp)
contacts which are duplex
plated with .000030
[0.00076] gold. These
contacts can be mass
terminated to either solid or
stranded round conductor
ribbon cable with conductor
sizes of 28 AWG [0.08-0.09
mm2] and 30 AWG [0.05
mm2] and a maximum
insulation diameter of .036
[0.91]. During termination,
the terminating covers,
which must be purchased
separately, assist in guiding
the wire into the IDC
contacts, then provide
strain relief when fully
seated. Actual termination
is accomplished with the TE
manual tooling shown on
page 28.
The latching version of
the cable connector is
equipped with a metal latch
which provides positive
retention of the receptacle
cable connector when
mated with a surface-
mounted right-angle header.
The cable connector without
a metal latch features
polarization to help prevent
mismating. All connectors
are available in sizes
ranging from 10 through
100 positions (in 10 position
increments).
R
R


Similar Part No. - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com