Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-1 Datasheet(PDF) 57 Page - Tyco Electronics

Part # 6-104068-1
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-1 Datasheet(HTML) 57 Page - Tyco Electronics

Back Button 6-104068-1 Datasheet HTML 53Page - Tyco Electronics 6-104068-1 Datasheet HTML 54Page - Tyco Electronics 6-104068-1 Datasheet HTML 55Page - Tyco Electronics 6-104068-1 Datasheet HTML 56Page - Tyco Electronics 6-104068-1 Datasheet HTML 57Page - Tyco Electronics 6-104068-1 Datasheet HTML 58Page - Tyco Electronics 6-104068-1 Datasheet HTML 59Page - Tyco Electronics 6-104068-1 Datasheet HTML 60Page - Tyco Electronics 6-104068-1 Datasheet HTML 61Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
57
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 622 Series
Technical Data
Color — Blue
Contact Material — Beryllium copper
Contact Plating — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel underplate.
Contact Design — Single slot, flat,
tuning fork style IDC with solder tail
Housing Material — Glass-filled
thermoplastic, UL 94V-0 rated
Cable — 26-28 AWG solid or stranded,
PVC insulated ribbon cable
Mateable Connectors —
.100 x .100 DIP sockets
Application Tooling
Die —
1-1437000-3 [T&B# 779-2153 ref.]
Handtool —
1437000-6 [T&B# 779-2100 ref.]
Bench Press (Manual) —
1437001-4 [T&B# 779-3200 ref.]
Bench Press Platen —
6-1437000-1 [T&B# 779-3133 ref.]
Bench Press Base Plate —
6-1437000-7 [T&B# 779-3153 ref.]
Accessories
Strain Relief — page 65
Dimensions
Part Numbers
No.of
TE Connectivity
T&B
Pos.
AB
(Reference Only)
6
.506
.200
1658525-4
622-0653LF
12.85
5.08
8
.606
.300
1658525-5
622-0853LF
15.39
7.62
10
.706
.400
1658525-6
622-1053LF
17.93
10.16
14
.906
.600
1658525-7
622-1453LF
23.01
15.24
16
1.006
.700
1658525-8
622-1653LF
25.55
17.78
20
1.206
.900
1658525-9
622-2053LF
30.63
22.86
24
1.406
1.100
1-1658525-0
622-2453LF
35.71
27.94
26
1.506
1.200
1658525-1
622-2653LF
38.25
30.48
34
1.906
1.600
1658525-2
622-3453LF
48.41
40.64
36
2.006
1.700
1-1658525-2
622-3653LF
50.95
43.18
40
2.206
1.900
1-1658525-3
622-4053LF
56.03
48.26
50
2.706
2.400
1658525-3
622-5053LF
68.73
60.96
60
3.206
2.900
1-1658525-5
622-6053LF
81.43
73.66
64
3.406
3.100
1-1658525-6
622-6453LF
86.51
78.74
Notes: Order by TE Part Number only.
All part numbers are RoHS compliant.
7.57
(.298)


Similar Part No. - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com