Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-3 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 6-104068-3
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-3 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 6-104068-3 Datasheet HTML 8Page - Tyco Electronics 6-104068-3 Datasheet HTML 9Page - Tyco Electronics 6-104068-3 Datasheet HTML 10Page - Tyco Electronics 6-104068-3 Datasheet HTML 11Page - Tyco Electronics 6-104068-3 Datasheet HTML 12Page - Tyco Electronics 6-104068-3 Datasheet HTML 13Page - Tyco Electronics 6-104068-3 Datasheet HTML 14Page - Tyco Electronics 6-104068-3 Datasheet HTML 15Page - Tyco Electronics 6-104068-3 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
12
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Cable-to-Board Connectors, .025 [0.64] Centerline Ribbon Cable
Ribbon Cable Interconnect Solutions
Paddleboard
Material and Finish
Housing — LCP thermoplastic,
UL 94V-0 rated, black
Cover — Polyester, UL 94V-0 rated,
black
Contacts — Phosphor bronze, plated
.000100 [0.00245] min. tin over .000050
[0.00127] min. nickel underplating
Technical Documents
Product Specification
108-1109
Application Specification
114-25040
.024
[0.61]
.118
[3.00]
.040
[1.02]
.030
[0.76]
Standoffs
(Various Locations)
B
.100
[2.54]
A
.020
[0.51]
.045
[1.19]
Ref.
.050
[1.27]
No. of
PCB
Dimensions
Kinked
Pos.
Layout
AB
Legs
.436
.200
10
1
11.07
5.08
5111595-1
.536
.300
14
1
13.61
7.62
5111595-2
.586
.350
16
2
14.88
8.89
5111595-3
.686
.450
20
2
17.42
11.43
5111595-4
.786
.550
24
2
19.96
13.97
5111595-5
.836
.600
26
1
21.23
15.24
5111595-6
.886
.650
28
2
22.50
16.51
2-5111595-0
.936
.700
30
1
23.77
17.78
5111595-7
1.036
.800
34
1
26.31
20.32
5111595-8
1.186
.950
40
2
30.12
24.13
5111595-9
Typ.
.050
[1.27]
Typ.
.168
[4.27]
.075
[1.91]
Typ.
.304
[7.72]
.008
[0.20]
Typ.
.340
[8.64]
(Unterminated)
Position 1
Indicator
.273
[6.93]
(Terminated)
.050
[1.27]
Typ.
.075
[1.91]
Typ.
.304
[7.72]
.031
[0.79]
Typ.
Printed Circuit Board Hole Layout #1
No. of
PCB
Dimensions
Kinked
Pos.
Layout
AB
Legs
1.286
1.050
44
2
32.66
26.67
1-5111595-0
1.336
1.100
46
1
33.93
27.94
1-5111595-7
1.436
1.200
50
1
36.47
30.48
1-5111595-1
1.686
1.450
60
2
42.82
36.83
1-5111595-2
1.786
1.550
64
2
45.36
39.37
1-5111595-3
1.886
1.650
68
2
47.90
41.91
1-5111595-9
1.986
1.750
72
2
50.44
44.45
1-5111595-4
2.186
1.950
80
2
55.52
40.53
1-5111595-5
2.686
2.450
100
2
68.22
62.23
1-5111595-6
See Application Specification for termination tooling.
Note: All part numbers are RoHS compliant.
B
.050
[1.27]
Typ.
.075
[1.91]
Typ.
.304
[7.72]
.031
[0.79]
Typ.
Printed Circuit Board Hole Layout #2
B


Similar Part No. - 6-104068-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-3 MACOM-6-104068-3 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-3 MACOM-6-104068-3 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-3 MACOM-6-104068-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-3 MACOM-6-104068-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-3 MACOM-6-104068-3 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com