Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW280SX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQW280SX
Description  GU (General Use) Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW280SX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQW280SX Datasheet HTML 1Page - Panasonic Semiconductor AQW280SX Datasheet HTML 2Page - Panasonic Semiconductor AQW280SX Datasheet HTML 3Page - Panasonic Semiconductor AQW280SX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQ❍28❍S
2
RATING
1. Absolute maximum ratings (Ambient temperature: 25°C 77°F)
SOP 4pin
SOP 8pin
2. Electrical characteristics (Ambient temperature: 25°C 77°F)
SOP 4pin
Item
Symbol
AQY282S
AQY280S
AQY284S
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
350 V
400 V
Continuous load current (peak AC)
IL
0.5 A
0.12 A
0.1 A
Peak load current
Ipeak
1.5 A
0.3 A
0.24 A
100 ms (1 shot),
VL = DC
Power dissipation
Pout
300 mW
Total power dissipation
PT
350 mW
I/O isolatiom voltage
Viso
1,500 V AC
Operating temperature
Topr
–40°C to +85°C –40°F to +185°F
Non-condensing at low temperature
Storage temperature
Tstg
–40°C to +100°C –40°F to +212°F
Item
Symbol
AQW282S
AQW280S
AQW284S
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
350 V
400 V
Continuous load current (peak AC)
IL
0.35 (0.5) A
0.1 (0.13) A
0.08 (0.1) A
( ): in case of using only 1 channel
Peak load current
Ipeak
1.05 A
0.3 A
0.24 A
100 ms (1 shot),
VL = DC
Power dissipation
Pout
600 mW
Total power dissipation
PT
650 mW
I/O isolatiom voltage
Viso
1,500 V AC
Operating temperature
Topr
–40°C to +85°C –40°F to +185°F
Non-condensing at low temperature
Storage temperature
Tstg
–40°C to +100°C –40°F to +212°F
Item
Symbol
AQY282S
AQY280S
AQY284S
Condition
Input
LED operate current
Typical
IFon
1.8 mA
IL = Max.
Maximum
3.0 mA
LED turn off current
Minimum
IFoff
0.2 mA
IL = Max.
Typical
1.6 mA
LED dropout voltage
Typical
VF
1.14 V (1.25 V at IF = 50mA)
IF = 5 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
0.85
20
28
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
2.5
25
35
Off state leakage current
Maximum
ILeak
1
µA
IF = 0 mA
VL = Max.
Transfer
characteristics
Turn on time*
Typical
Ton
0.9 ms
0.3 ms
IF = 5 mA
IL = Max.
Maximum
3 ms
Turn off time*
Typical
Toff
0.5 ms
IF = 5 mA
IL = Max.
Maximum
2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0V
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000 M
500 V DC


Similar Part No. - AQW280SX

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Panasonic Semiconductor
AQW280EH PANASONIC-AQW280EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
AQW280EHA PANASONIC-AQW280EHA Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
AQW280EHAX PANASONIC-AQW280EHAX Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
AQW280EHAZ PANASONIC-AQW280EHAZ Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
More results

Similar Description - AQW280SX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
logo
Nais(Matsushita Electri...
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com