Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASA2815S Datasheet(PDF) 3 Page - International Rectifier

Part # ASA2815S
Description  HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA2815S Datasheet(HTML) 3 Page - International Rectifier

  ASA2815S Datasheet HTML 1Page - International Rectifier ASA2815S Datasheet HTML 2Page - International Rectifier ASA2815S Datasheet HTML 3Page - International Rectifier ASA2815S Datasheet HTML 4Page - International Rectifier ASA2815S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
ASA28XXS Series
Notes to Specifications
1.
Parameter guaranteed and measured during line and load regulation tests.
2.
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
3.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess
of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
4.
Parameter shall be tested as part of design characterization and after design or process changes.
5.
An overload is that condition of load in excess of rated load but less than that necessary to trigger the short circuit protection
and is the condition of maximum power dissipation.
6.
Load step transition time between 2
µs and 10µs.
7.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
8.
Input step transition time between 2
µs and 10µs.
9.
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 2) while power is applied to the input.
Block Diagram
Controller
Error
Amplifier
1
2
8
6
7
5
Case
Output
Return
+Output
Inhibit
Input
Return
+Input
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-94629
ASA2805S
5962-94630
ASA2815S
5962-94631
ASA2812S


Similar Part No. - ASA2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2815S-CH IRF-ASA2815S-CH Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2815S-ES IRF-ASA2815S-ES Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2815S-HB IRF-ASA2815S-HB Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2815S/CH IRF-ASA2815S/CH Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ASA2815S/ES IRF-ASA2815S/ES Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ASA2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5000D IRF-AFL5000D_15 Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
International Rectifier
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com