Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32924E3685M000 Datasheet(PDF) 5 Page - EPCOS

Part # B32924E3685M000
Description  EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32924E3685M000 Datasheet(HTML) 5 Page - EPCOS

  B32924E3685M000 Datasheet HTML 1Page - EPCOS B32924E3685M000 Datasheet HTML 2Page - EPCOS B32924E3685M000 Datasheet HTML 3Page - EPCOS B32924E3685M000 Datasheet HTML 4Page - EPCOS B32924E3685M000 Datasheet HTML 5Page - EPCOS B32924E3685M000 Datasheet HTML 6Page - EPCOS B32924E3685M000 Datasheet HTML 7Page - EPCOS B32924E3685M000 Datasheet HTML 8Page - EPCOS B32924E3685M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Reel
pcs./MOQ
Untaped
pcs./MOQ
x Preferred type
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
189 = Reel
000 = Untaped (lead length 6
1 mm)
22.5
2.2
12.0
× 22.0 × 26.5
B32923E3225M*** x
1800
3.3
14.5
× 29.5 × 26.5
B32923E3335+***
1040
27.5
2.2
11.0
× 21.0 × 31.5
B32924E3225M***
1400
2352
2.2
12.5
× 21.5 × 31.5
B32924F3225K***
1200
2100
3.3
14.0
× 24.5 × 31.5
B32924E3335M*** x
1000
1848
3.3
15.0
× 24.0 × 31.5
B32924F3335K***
1680
4.7
16.0
× 32.0 × 31.5
B32924F3475K***
1064
4.7
18.0
× 27.5 × 31.5
B32924E3475M*** x
1428
5.6
18.0
× 33.0 × 31.5
B32924F3565K***
952
5.6
19.0
× 30.0 × 31.5
B32924E3565M***
896
6.8
21.0
× 31.0 × 31.5
B32924E3685M*** x
784
6.8
22.0
× 36.5 × 31.5
B32924F3685K***
784
8.2
22.0
× 36.5 × 31.5
B32924E3825M*** x
784
37.5
2.2
12.0
× 22.0 × 42.0
B32926E3225+***
1620
3.3
12.0
× 22.0 × 42.0
B32926E3335M***
1620
4.7
14.0
× 25.0 × 42.0
B32926E3475M***
1380
6.8
18.0
× 32.5 × 42.0
B32926E3685+***
720
10
20.0
× 39.5 × 42.0
B32926E3106+*** x
640
15
28.0
× 37.0 × 42.0
B32926E3156+*** x
440
20
28.0
× 42.5 × 42.0
B32926E3206M*** x
440
20
30.0
× 45.0 × 42.0
B32926F3206K***
200
52.5
25
30.0
× 45.0 × 57.5
B32928E3256+*** x
280
30
30.0
× 45.0 × 57.5
B32928E3306+*** x
280
40
35.0
× 50.0 × 57.5
B32928E3406+*** x
108
45
35.0
× 50.0 × 57.5
B32928E3456M*** x
108
B32923E/F ... B32928E/F
Efficient filtering – X2 / 305 V AC
Page 4 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32924E3685M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924E3685M000 EPCOS-B32924E3685M000 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32924E3685M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com