Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAG7A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MAG7A
Description  MA SERIES - MICRO-LIMIT SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAG7A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MAG7A Datasheet HTML 1Page - List of Unclassifed Manufacturers MAG7A Datasheet HTML 2Page - List of Unclassifed Manufacturers MAG7A Datasheet HTML 3Page - List of Unclassifed Manufacturers MAG7A Datasheet HTML 4Page - List of Unclassifed Manufacturers MAG7A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
H4
MA SERIES - MICRO-LIMIT SWITCHES
ORDER FORMAT
M A A 6 B
Series
Circuit & quick-connect terminals
Switch rating
Actuator style
MA
A Normally open (standard) .031 x .248" (0.8x6.3mm)
6 16(4)A 250 VAC
A Pin actuator
B Normally closed (standard) .031 x .248" (0.8x6.3mm)
7 3(0.1)A 250 VAC
B Hinge actuator
C Change-over (standard) .031 x .248" (0.8x6.3mm)
C Roller actuator
D Normally open, .031 x .248" (0.8x6.3mm), spacing .197" (5mm)
E Normally closed, .031 x .248" (0.8x6.3mm), spacing .197" (5mm)
F Change-over, .031 x .248" (0.8x6.3mm), spacing .197" (5mm)
G Normally open, .020 x .189" (0.5x4.8mm)
H Normally closed, .020 x .189" (0.5x4.8mm)
I
Change-over, .020 x .189" (0.5x4.8mm)
J Normally open, .031 x .189" (0.8x4.8mm)
K Normally closed, .031 x .189" (0.8x4.8mm)
L Change-over, .031 x .189" (0.8x4.8mm)
STANDARD MODELS
Quick-connect
.031x.248"
.031x.248"
.020x.189"
.031x.189"
terminal
(0.8x6.3mm)
(0.8x6.3mm)
(0.5x4.8mm)
(0.8x4.8mm)
pin spacing -
.197"(5mm)
Switching capacity
16(4)A
3(0.1)A
16(4)A
16(4)A
3(0.1)A
16(4)A
3(0.1)A
Pin plunger
NO
MAA6A
MAA7A
MAD6A
MAG6A MAG7A
MAJ6A
MAJ7A
NC
MAB6A
MAB7A
MAE6A
MAH6A
MAH7A
MAK6A
MAK7A
CO
MAC6A
MAC7A
MAF6A
MAI6A
MAI7A
MAL6A
MAL7A
Hinge lever
NO
MAA6B
-
MAD6B
MAG6B
-
MAJ6B
-
NC
MAB6B
-
MAE6B
MAH6B
-
MAK6B
-
CO
MAC6B
-
MAF6B
MAI6B
-
MAL6B
-
Roller lever
NO
MAA6C
-
MAD6C
MAG6C
-
MAJ6C
-
NC
MAB6C
-
MAE6C
MAH6C
-
MAK6C
-
CO
MAC6C
-
MAF6C
MAI6C
-
MAL6C
-
NO =
NORMALLY OPEN:
COM (1)
NO (4)
NC =
NORMALLY CLOSED:
NC (2)
COM (1)
CO =
CHANGE-OVER:
NC (2)
COM (1)
NO (4)


Similar Part No. - MAG7A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAG-100027-050 MA-COM-MAG-100027-050 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
MAG-100027-100 MA-COM-MAG-100027-100 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
MAG-100027-300 MA-COM-MAG-100027-300 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
logo
Agilent(Hewlett-Packard...
MAG-725M4 HP-MAG-725M4 Datasheet
409Kb / 22P
   Agilent MGA-725M4 Low Noise Amplifier with Bypass Switch In Miniature Leadless Package
logo
Schneider Electric
MAG2 SCHNEIDER-MAG2 Datasheet
123Kb / 1P
   Magnetic flowmeters, Flow, HART
Apr 26, 2022
More results

Similar Description - MAG7A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com