Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-96161 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-96161
Description  500 kHz COMMON MODE EMI INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-96161 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-96161 Datasheet HTML 1Page - Pulse A Technitrol Company PE-96161 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P593.A (5/03)
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
Printed on recycled paper. ©2003, Pulse Engineering, Inc.
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
9/F, Phase 2, Tai Sang
Shatin Warehouse Centre
6 Wong Chuk Yeung Street
Fotan, Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055
DISTRIBUTOR
2
4
3
PIN 1
LEVEL OF
ENCAPSULANT
COIL
4
2
1
3
500 kHz COMMON MODE
EMI INDUCTORS
NOTES:1. Leads have .031/.039 diameter.
.700/.900
2.Self-leaded: 96187 has .036 nom. diameter leads.
96188 & 96189 have .045 nom. diameter leads.
96190 has .051 nom. diameter leads.
Elect. Specs. @ 25°C— Operating Temp. -40° to +130° C
.650
16,51
(MAX)
3
1
2
4
Part
Rated RMS
Inductance
DCR
Case
Leakage
Number
Current
mH
(
Ω MAX)
Style
Inductance
(A.Normal)
(± 30%)
(MIN/MAX µH)
PE-96161
0.5
33
1.40
3
160/320
PE-96165
1.0
18
0.50
1
120/320
PE-96166
1.0
5.6
0.30
3
30/60
PE-96168
2.0
15
0.29
1
100/220
PE-96173
3.15
5.6
0.10
1
40/80
PE-96175
3.15
3.3
0.07
3
15/35
PE-96177
3.15
2.2
0.06
3
10/20
PE-96178
3.15
1.2
0.04
3
6/15
PE-96179
3.15
1.2
0.04
4
5/14
PE-96181
5.0
3.9
0.06
1
25/60
PE-96186
6.3
2.7
0.04
1
20/45
PE-96187
8.0
3.3
0.033
2
20/45
PE-96188
10.0
1.8
0.02
2
10/25
PE-96189
12.5
1.5
0.015
2
10/20
PE-96190
15.0
1.0
0.01
2
7/15
3
4
2
PIN 1
LEVEL OF
ENCAPSULANT
4
3
1
2
3
4
2
PIN 1
LEVEL OF
ENCAPSULANT
4
3
1
2
3
4
2
PIN 1
LEVEL OF
ENCAPSULANT
4
3
1
2
CASE 11
CASE 22
CASE 31
CASE 41
.240/.270
6,10/6,86
1.07
27,18
(MAX)
.615
15,60
(MAX)
1.10
27,90
(MAX)
1.34
34,04
.720
18,29
(MAX)
1.30
33,00
(MAX)
1.70
43,18
(MAX)
.910
23,10
(MAX)
.900 ± .008
22,86 ±0,20
.800 ± .008
20,30 ± 0,20
1.00 ± .008
25,40 ± 0,20
.600 ± .008
15,20 ± 0,20
.500 ±.008
12,70 ±0,20
1.00 ±.008
25,40 ±0,20
.750 ± .008
19,05 ± 0,20
.158/.197
4,00/5,00
.158/.197
4,01/5,00
.197/.237
5,00/6,02
1.03
26,16
.039
0,99
.500 ± .008
12,70 ± 0,20
1.10
28,00
(MAX)
Common mode EMI Inductors
Designed for higher frequency power conversion
For use in SMPS input filtering circuits
Schematic
Mechanicals
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm


Similar Part No. - PE-96161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE-96161 ETC1-PE-96161 Datasheet
79Kb / 1P
   500 kHz COMMON MODE EMI INDUCTORS
logo
Pulse A Technitrol Comp...
PE-96161NL PULSE-PE-96161NL Datasheet
353Kb / 3P
   500 kHz Common Mode EMI Inductors
More results

Similar Description - PE-96161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE-96161 ETC1-PE-96161 Datasheet
79Kb / 1P
   500 kHz COMMON MODE EMI INDUCTORS
logo
Pulse A Technitrol Comp...
P593 PULSE-P593 Datasheet
353Kb / 3P
   500 kHz Common Mode EMI Inductors
logo
Rhombus Industries Inc.
L-20489 RHOMBUS-IND-L-20489 Datasheet
17Kb / 1P
   500 KHz COMMON MODE EMI INDUCTOR
L-20496 RHOMBUS-IND-L-20496 Datasheet
17Kb / 1P
   500 KHz COMMON MODE EMI INDUCTOR
L-20490 RHOMBUS-IND-L-20490 Datasheet
19Kb / 1P
   500 KHz COMMON MODE EMI INDUCTOR
L-20491 RHOMBUS-IND-L-20491 Datasheet
18Kb / 1P
   500 KHz COMMON MODE EMI INDUCTOR
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
7353-V ETC2-7353-V Datasheet
38Kb / 1P
   Common Mode Inductors/EMI Filters
logo
Pulse A Technitrol Comp...
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
   Common Mode EMI Suppression Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com