Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8540 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI8540
Description  HIGH-SIDE CURRENT SENSE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8540 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI8540 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8540 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Si8540
4
Rev. 1.2
1. Electrical Specifications
Table 1. Absolute Maximum Ratings
Parameter
Value
Unit
Voltage at RG1, RG2, SHDN to GND
–0.3 to +40
V
Differential Input Voltage, RG1 to RG2
±0.3
V
Voltage at OUT
–0.3 to +8
V
Current into SHDN, GND, OUT, RG1, RG2
±50
mA
Continuous Power Dissipation (TA =+70 °C)
5-pin SOT23 derate 7.1 mW/°C above +70 °C*
571
mW
Operating Temperature Range
–40 to +85
°C
Junction Temperature, TJMAX
Up to +150
°C
*Note: The device is mounted on a standard PCB with a 100 mm2 copper foil connected to the GND pin, no airflow.
Permanent device damage may occur if the absolute maximum ratings are exceeded, and prolonged use at the
absolute maximum ratings may affect reliability. It is recommended that the device operate within the limits indicated in
Table 2, “DC and AC Characteristics".


Similar Part No. - SI8540

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
Si8540-B-FW SILABS-Si8540-B-FW Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
More results

Similar Description - SI8540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
   Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
   Precision High-Side Current Sense Amplifier
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com