Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY72310 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SKY72310
Description  SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SKY72310 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SKY72310 Datasheet HTML 4Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 5Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 6Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 7Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 8Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 9Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 10Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 11Page - List of Unclassifed Manufacturers SKY72310 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DATA SHEET • SKY72310 FREQUENCY SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
July 30, 2008 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200705E
Modulation Using the SKY72300, SKY72301, and SKY72302 Dual
Synthesizers/PLLs (document number 101349).
Register Descriptions
Table 1 lists the eight 16-bit registers that are used to program
the SKY72310. All register writes are programmed address first,
followed directly with data. MSBs are entered first. On power up,
all registers are reset to 0x000 except the Divider Register at
address 0x0, which is set to 0x006.
Synthesizer Registers
The Divider Register contains the integer portion closest to the
desired fractional-N (or the integer-N) value minus 32. This
register, in conjunction with the Dividend Registers (which control
the fraction offset from 0.5 to +0.5), allows selection of a
precise frequency. As shown in Figure 5, the value to be loaded
is:
• Synthesizer Divider Index = Nine-bit value for the integer
portion of the synthesizer divider. Valid values for this register
are from 6 to 505 (fractional-N) or 0 to 511 (integer-N).
The Dividend MSB and LSB Registers control the fraction part of
the desired fractional-N value and allow an offset of 0.5 to +0.5
to the main integer selected through the Divider Register. As
shown in Figures 6 and 7, values to be loaded are:
• Synthesizer Dividend (MSBs) = Ten-bit value for the MSBs of
the 18-bit dividend for the synthesizer.
• Synthesizer Dividend (LSBs) = Eight-bit value for the LSBs of
the 18-bit dividend for the synthesizer.
The Dividend Register MSB and LSB values are 2's complement
format.
NOTE: When in 10-bit mode, the Dividend LSB Register is not
required.
The reference frequency divider provides the reference frequency
to the phase detector by dividing the crystal oscillator frequency.
Divide ratios from 1 to 32 are possible for the reference frequency
divider (see Table 2).
The Reference Frequency Dividers Register configures the
reference frequency divider for the synthesizer. As shown in
Figure 8, the values to be loaded are:
• Reference Frequency Divider Index = Desired oscillator
frequency division ratio 1. Default value on power up is 0,
signifying that the reference frequency is not divided for the
phase detector.
Table 1. SKY72310 Register Map
Address (Hex)
Register (Note 1)
Length (Bits)
Address (Bits)
0
Divider Register
12
4
1
Dividend MSB Register
12
4
2
Dividend LSB Register
12
4
3
Unused
4
Unused
5
Reference Frequency Dividers Register
12
4
6
Phase Detector/Charge Pump Control Register
12
4
7
Power Down/Multiplexer Output Select Control Register
12
4
8
Modulation Control Register
12
4
9
Modulation Data Register
Modulation Data Register (Note 2) — direct input
12
2 ≤ length ≤ 12 bits
4
0
Note 1: All registers are write only.
Note 2: No address bits are required for modulation data. Any serial data between 2 and 12 bits long is considered modulation data.


Similar Part No. - SKY72310

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72310-362 SKYWORKS-SKY72310-362 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY72310-362LF SKYWORKS-SKY72310-362LF Datasheet
210Kb / 19P
   General purpose RF systems
More results

Similar Description - SKY72310

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72300-21 SKYWORKS-SKY72300-21 Datasheet
166Kb / 23P
   SKY72300-21: Spur-Free, 2.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72302-21 SKYWORKS-SKY72302-21 Datasheet
180Kb / 23P
   SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
National Semiconductor ...
LMX2353 NSC-LMX2353 Datasheet
210Kb / 16P
   PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com