Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK110 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK110
Description  NOT RECOMMENDED FOR NEW DESIGNS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK110 Datasheet(HTML) 3 Page - Micro Commercial Components

  SK110 Datasheet HTML 1Page - Micro Commercial Components SK110 Datasheet HTML 2Page - Micro Commercial Components SK110 Datasheet HTML 3Page - Micro Commercial Components SK110 Datasheet HTML 4Page - Micro Commercial Components SK110 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SK13 thru SK110
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
.8
1.0
2.0
4.0
6.0
8.0
10
20
40
60
80
100
25
°C
Volts
Amps
Figure 2
Typical Reverse Characteristics
0
4
8
121620
2428
32
3640
.001
.01
.1
1
10
100
25
°C
Typical Reverse Current - mAversus
Reverse Voltage - Volts
mA
Volts
125
°C
Figure 3
Typical Junction Capacitance
Junction Capacitance - pFversus
Reverse Voltage - Volts
Volts
pF
0.
0.5
1.0
5.0
10
50
100
10
20
40
60
100
200
400
600
1000
75
°C
125
°C
SK13
SK14
MCC
Revision: B
2011/11/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - SK110

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK110 MOSPEC-SK110 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
Nanjing International G...
SK110 DGNJDZ-SK110 Datasheet
178Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
SK110 CHONGQING-SK110 Datasheet
35Kb / 1P
   SCHOTTKY BARRIER RECTIFIER
logo
Bytesonic Electronics C...
SK110 BYTESONIC-SK110 Datasheet
535Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SK110 DIOTEC-SK110 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SK110

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
   Dual USB Power Control Switch Not Recommended for New Designs
logo
Cherry Semiconductor Co...
E23-50H CHERRY-E23-50H Datasheet
1Mb / 5P
   Not recommended for new designs Please review our D4 series
logo
Micrel Semiconductor
MIC50395 MICREL-MIC50395 Datasheet
64Kb / 6P
   Six Decade Counter / Display Decoder Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com