Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS4428STRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS4428STRPBF
Description  Gate drive supply range from 6 V to 20 V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4428STRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS4428STRPBF Datasheet HTML 1Page - International Rectifier IRS4428STRPBF Datasheet HTML 2Page - International Rectifier IRS4428STRPBF Datasheet HTML 3Page - International Rectifier IRS4428STRPBF Datasheet HTML 4Page - International Rectifier IRS4428STRPBF Datasheet HTML 5Page - International Rectifier IRS4428STRPBF Datasheet HTML 6Page - International Rectifier IRS4428STRPBF Datasheet HTML 7Page - International Rectifier IRS4428STRPBF Datasheet HTML 8Page - International Rectifier IRS4428STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IRS4426/IRS4427/IRS4428
www.irf.com
© 2010 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions.
All voltage
parameters are absolute voltages referenced to COM unless otherwise stated in the table. The offset rating
is tested with supply of VCC = 15V.
Symbol
Definition
Min
Max
Units
VCC
Fixed supply voltage
-0.3
25
VO
Output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage
-0.3
VCC + 0.3
V
PD
Package power dissipation @ TA ≤ 25°C
0.625
W
RthJA
Thermal resistance, junction to ambient
200
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
Symbol
Definition
Min
Max
Units
VCC
Fixed supply voltage
6
20
VO
Output voltage
0
VCC
VIN
Logic input voltage
0
VCC
V
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS4428STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4428S IRF-IRS4428S Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4428S INFINEON-IRS4428S Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4428S INFINEON-IRS4428S Datasheet
1Mb / 18P
   Single-channel low-side gate driver IC
V 1.1 2022-02-02
logo
International Rectifier
IRS4428SPBF IRF-IRS4428SPBF Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
More results

Similar Description - IRS4428STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
   Gate drive supply range from 5 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com