Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS4428 Datasheet(PDF) 7 Page - International Rectifier

Part # IRS4428
Description  Gate drive supply range from 6 V to 20 V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4428 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS4428 Datasheet HTML 3Page - International Rectifier IRS4428 Datasheet HTML 4Page - International Rectifier IRS4428 Datasheet HTML 5Page - International Rectifier IRS4428 Datasheet HTML 6Page - International Rectifier IRS4428 Datasheet HTML 7Page - International Rectifier IRS4428 Datasheet HTML 8Page - International Rectifier IRS4428 Datasheet HTML 9Page - International Rectifier IRS4428 Datasheet HTML 10Page - International Rectifier IRS4428 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRS4426/IRS4427/IRS4428
www.irf.com
© 2010 International Rectifier
7
Dynamic Electrical Characteristics
VCC = 15V, TA = 25°C, and CL = 1000pF unless otherwise specified.
Symbol
Definition
Min
Typ Max Units
Test Conditions
ton
Turn-on propagation delay
50
95
toff
Turn-off propagation delay
50
95
tr
Turn-on rise time
25
55
tf
Turn-off fall time
25
55
ns
Figure 2


Similar Part No. - IRS4428

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4428 IRF-IRS4428 Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
IRS4428 IRF-IRS4428 Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IRS4428PBF IRF-IRS4428PBF Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
IRS4428S IRF-IRS4428S Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4428S INFINEON-IRS4428S Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
More results

Similar Description - IRS4428

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
   Gate drive supply range from 5 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com