Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7808E3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM7808E3
Description  Three Terminal Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM7808E3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM7808E3 Datasheet HTML 2Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 3Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 4Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 5Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 6Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 7Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 8Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 9Page - Cystech Electonics Corp. LM7808E3 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C525E3
Issued Date : 2007.10.23
Revised Date : 2010.06.24
Page No. : 6/10
LM78XXE3
CYStek Product Specification
LM7812
(Tj=0~125
°C, Vin=19V, Io=500mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
11.64
12.0 12.36
VO
B-rank(5%)
Output Voltage
11.40
-
12.60
Vin=19V, Io=500mA,Tj=25
°C
14.5V
≤Vin≤27V, 5mA≤Io≤1A,
PD
≤15W
V
-
10
120
14.5V
≤Vin≤30V, Tj=25°C
ΔVo
Line Regulation
-
3
60
16V
≤Vin≤22V, Tj=25°C
mV
-
-
100
5mA
≤Io≤1.5A, Tj=25°C
ΔVo
Load Regulation
-
-
60
250mA
≤Io≤750mA, Tj=25°C
mV
IQ
Quiescent Current
-
-
8
Vin=19V, Io=500mA, Tj=25
°C
mA
-
-
0.5
5mA
≤Io≤1A
ΔIQ
Quiescent Current
Change
-
-
1.3
14.5V
≤Vin≤30V
mA
Vn
Output Noise Voltage
-
75
-
10Hz
≤f≤100KHz, Tj=25°C
μV
RR
Ripple Rejection
-
72
-
15V
≤Vin≤25V, f=120Hz, Tj=25°C
dB
VD
Dropout Voltage
-
2
-
Io=1A, Tj=25
°C
V
ISC
Output Short Circuit
Current
-
250
-
Vin=35V, Tj=25
°C
mA
IPK
Peak Output Current
-
1.8
-
Tj=25
°C
A
ΔVo/ΔTj
Temperature Stability
-
-1.5
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
LM7815
(Tj=0~125
°C, Vin=23V, Io=500mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
14.55 15.0 15.45
VO
B-rank(5%)
Output Voltage
14.25
-
15.75
Vin=23V, Io=500mA,Tj=25
°C
17.5V
≤Vin≤30V, 5mA≤Io≤1A,
PD
≤15W
V
-
-
150
17.5V
≤Vin≤30V, Tj=25°C
ΔVo
Line Regulation
-
-
75
18.5V
≤Vin≤30V, Tj=25°C
mV
-
-
150
5mA
≤Io≤1.5A, Tj=25°C
ΔVo
Load Regulation
-
-
75
250mA
≤Io≤750mA, Tj=25°C
mV
IQ
Quiescent Current
-
-
8
Vin=23V, Io=500mA, Tj=25
°C
mA
-
-
0.5
5mA
≤Io≤1A
ΔIQ
Quiescent Current
Change
-
-
1.3
17.5V
≤Vin≤30V
mA
Vn
Output Noise Voltage
-
90
-
10Hz
≤f≤100KHz, Tj=25°C
μV
RR
Ripple Rejection
-
70
-
18.5V
≤Vin≤28.5V, f=120Hz, Tj=25°C
dB
VD
Dropout Voltage
-
2
-
Io=1A, Tj=25
°C
V
ISC
Output Short Circuit
Current
-
250
-
Vin=35V, Tj=25
°C
mA
IPK
Peak Output Current
-
1.8
-
Tj=25
°C
A
ΔVo/ΔTj
Temperature Stability
-
-1.8
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃


Similar Part No. - LM7808E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7808 ETC-LM7808 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Seme LAB
LM7808 SEME-LAB-LM7808 Datasheet
20Kb / 2P
   8 VOLT POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7808 FAIRCHILD-LM7808 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7808 FAIRCHILD-LM7808 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7808 FCI-LM7808 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7808E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com