Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT24C512A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT24C512A
Description  Two-Wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C512A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT24C512A Datasheet HTML 1Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Fremont Micro Devices
FT24C512A
© 2009 Fremont Micro Devices Inc.
DS3009E-page
1
Two-Wire Serial EEPROM
512K (8-bit wide)
FEATURES
Low voltage and low power operations:
FT24C512A:
VCC = 1.8V to 5.5V
Maximum Standby current < 1µA (typically 0.02µA and 0.06µA @ 1.8V and 5.5V respectively).
128 bytes page write mode.
Partial page write operation allowed.
Internally organized: 65,536×8 (512K).
Standard 2-wire bi-directional serial interface.
Schmitt trigger, filtered inputs for noise protection.
Self-timed write cycle (5ms maximum).
1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) compatibility.
Automatic erase before write operation.
Write protect pin for hardware data protection.
High reliability: typically 1,000,000 cycles endurance.
100 years data retention.
Industrial temperature range (-40
o C to 85o C).
Standard 8-pin DIP/SOP/WSOP/MSOP/TSSOP Pb-free packages.
DESCRIPTION
The FT24C512A series are 524,288 bits of serial Electrical Erasable and Programmable Read Only
Memory, commonly known as EEPROM. They are organized as 65,536 words of 8 bits (one byte) each.
The devices are fabricated with proprietary advanced CMOS process for low power and low voltage
applications. These devices are available in standard 8-lead DIP, 8-lead SOP/WSOP/MSOP and 8-lead
TSSOP packages. A standard 2-wire serial interface is used to address all read and write functions. Our
extended VCC range (1.8V to 5.5V) devices enables wide spectrum of applications.
PIN CONFIGURATION
Pin Name
Pin Function
A2, A1, A0
Device Address Inputs
SDA
Serial Data Input / Open Drain Output
SCL
Serial Clock Input
WP
Write Protect
NC
No-Connect
Table 1


Similar Part No. - FT24C512A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C02A ETC2-FT24C02A Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5DG-B ETC2-FT24C02A-5DG-B Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5DR-B ETC2-FT24C02A-5DR-B Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5LG-T ETC2-FT24C02A-5LG-T Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5LR-T ETC2-FT24C02A-5LR-T Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
More results

Similar Description - FT24C512A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com