Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J111-D74Z Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # J111-D74Z
Description  This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J111-D74Z Datasheet(HTML) 1 Page - Fairchild Semiconductor

  J111-D74Z Datasheet HTML 1Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 2Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 3Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 4Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 5Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
J111 / J112 / J113 / MMBFJ111 / MMBFJ112 / MMBFJ112_SB51338 / MMBFJ113
Rev. B0
1
August 2012
J111 / J112 / J113 / MMBFJ111 / MMBFJ112 /
MMBFJ112_SB51338 / MMBFJ113
N-Channel Switch
Features
• This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers.
• Sourced from Process 51.
• Source & Drain are interchangeable.
Absolute Maximum Ratings* T
a = 25C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle
operations.
Thermal Characteristics T
a = 25C unless otherwise noted
* Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06".
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
35
V
VGS
Gate-Source Voltage
-35
V
IGF
Forward Gate Current
50
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
C
Symbol
Parameter
Max.
Units
J111-113
*MMBFJ111-113
PD
Total Device Dissipation
Derate above 25
C
625
5.0
350
2.8
mW
mW/
C
RJC
Thermal Resistance, Junction to Case
125
C/W
RJA
Thermal Resistance, Junction to Ambient
357
556
C/W
J111
MMBFJ111
SOT-23
Mark: MMBFJ111 - 6P
D
S
J112
MMBFJ112
G
S
D
TO-92
J113
MMBFJ112_SB51338
MMBFJ113
G
MMBFJ112 - 6R
MMBFJ112_SB51338 - 6R
MMBFJ113 - 6S
NOTE: Source & Drain
are interchangeable.


Similar Part No. - J111-D74Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J111-D74Z ONSEMI-J111-D74Z Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
More results

Similar Description - J111-D74Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J113-D74Z FAIRCHILD-J113-D74Z Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com