Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA684 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA684 Datasheet(HTML) 5 Page - Texas Instruments

  OPA684 Datasheet HTML 1Page - Texas Instruments OPA684 Datasheet HTML 2Page - Texas Instruments OPA684 Datasheet HTML 3Page - Texas Instruments OPA684 Datasheet HTML 4Page - Texas Instruments OPA684 Datasheet HTML 5Page - Texas Instruments OPA684 Datasheet HTML 6Page - Texas Instruments OPA684 Datasheet HTML 7Page - Texas Instruments OPA684 Datasheet HTML 8Page - Texas Instruments OPA684 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
5
TYPICAL CHARACTERISTICS: VS = ±5V
RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted
NONINVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
0
3
0
−3
−6
−9
−12
200
400
600
800
1000
Frequency (MHz)
VO =0.5VPP
RL =100Ω
G= +2V/V
RF =402Ω
G= +5V/V
RF =318Ω
G= +10V/V
RF =178Ω
See Figure 1
INVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
600
400
0
3
0
−3
−6
−9
−12
−15
−18
200
800
1000
1200
Frequency (MHz)
VO =0.5VPP
RL =100Ω
G=
−1V/V
RF = 430Ω
G=
−2V/V
RF = 402Ω
G=
−5V/V
RF =318Ω
G=
−10V/V
RF =500Ω
See Figure 2
NONINVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
600
400
0
9
6
3
0
−3
−6
−9
−12
200
800
1000
1200
1400
Frequency (MHz)
G= +2V/V
RF =402Ω
VO =1VPP
VO =2VPP
VO =7VPP
VO =4VPP
See Figure 1
INVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
600
400
0
9
6
3
0
−3
−6
−9
−12
200
800
1000
1200
1400
Frequency (MHz)
G=
−2V/V
RF = 402Ω
VO =4VPP
VO =2VPP
VO =7VPP
VO =1VPP
See Figure 2
NONINVERTING
PULSE RESPONSE
3
2
1
0
−1
−2
−3
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
G= +2V/V
Time (5ns/div)
See Figure 1
Small Signal, 0.5VPP
Right Scale
Large Signal, 5VPP
Left Scale
INVERTING
PULSE RESPONSE
3
2
1
0
−1
−2
−3
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
G=
−2V/V
Time (5ns/div)
See Figure 2
Small Signal, 0.5VPP
Right Scale
Large Signal, 5VPP
Left Scale


Similar Part No. - OPA684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA684 BURR-BROWN-OPA684 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA684 BURR-BROWN-OPA684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA684 BURR-BROWN-OPA684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684ID TI-OPA684ID Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com