Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4820 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4820
Description  Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4820 Datasheet HTML 2Page - Texas Instruments OPA4820 Datasheet HTML 3Page - Texas Instruments OPA4820 Datasheet HTML 4Page - Texas Instruments OPA4820 Datasheet HTML 5Page - Texas Instruments OPA4820 Datasheet HTML 6Page - Texas Instruments OPA4820 Datasheet HTML 7Page - Texas Instruments OPA4820 Datasheet HTML 8Page - Texas Instruments OPA4820 Datasheet HTML 9Page - Texas Instruments OPA4820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
OPA4820
SBOS317D − SEPTEMBER 2004 − REVISED AUGUST 2008
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2, unless otherwise noted.
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
1000
G= +2V/V
f=1MHz
V
O =2VPP
2nd−Harmonic
3rd−Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
3rd−Harmonic
2nd−Harmonic
G=
+2V/V
V
O =2VPP
R
L = 200Ω
SeeFigure1
−70
−75
−80
−85
−90
−95
−100
−105
−110
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
110
f=1MHz
R
L = 200Ω
V
O =2VPP
SeeFigure1
2nd−Harmonic
3rd−Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
1MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Supply Voltage (
±V
S)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
G= +2V/V
R
L = 200Ω
V
O =2VPP
SeeFigure1
2nd−Harmonic
3rd−Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
G= +2V/V
f=1MHz
R
L = 200Ω
SeeFigure1
2nd−Harmonic
3rd−Harmonic
−70
−75
−80
−85
−90
−95
−100
−105
−110
HARMONIC DISTORTION vs INVERTING GAIN
Gain (
 V/V )
110
f=1MHz
R
L = 200Ω
V
O =2VPP
SeeFigure2
2nd−Harmonic
3rd−Harmonic


Similar Part No. - OPA4820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4820 BURR-BROWN-OPA4820 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4820 BURR-BROWN-OPA4820 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA4820 TI-OPA4820 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820ID TI1-OPA4820ID Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA4820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com