Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0067 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FP0067
Description  Metal Film Resistors, Industrial, Flameproof
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP0067 Datasheet(HTML) 3 Page - Vishay Siliconix

  FP0067 Datasheet HTML 1Page - Vishay Siliconix FP0067 Datasheet HTML 2Page - Vishay Siliconix FP0067 Datasheet HTML 3Page - Vishay Siliconix FP0067 Datasheet HTML 4Page - Vishay Siliconix FP0067 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
End of Life - August 2013
FP
www.vishay.com
Vishay Dale
Revision: 01-Feb-13
3
Document Number: 31020
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPEC CODES
GLOBAL
MODEL
SPEC
RESISTOR
TOLERANCE
DESCRIPTION
FP01/2
5605
1, 2, 5, 10
Color banded, 4 or 5 bands depending on tolerance
5610
1, 2, 5, 10
Alphanumeric marking
FP0001
6200
2, 5, 10
Color banded, 4 bands
6201
1
Color banded, 5 bands
FP0032
6601
1
Color banded, 5 bands
6602
2, 5, 10
Color banded, 4 bands
FP0002
9251
1, 2, 5, 10
Alphanumeric marking
FP0042
9201
1
Color banded, 5 bands
9202
2, 5, 10
Color banded, 4 bands
FP0003
9300
1, 2, 5, 10
Alphanumeric marking
9320
2, 5, 10
Color banded, 4 bands
9330
1
Color banded, 5 bands
FP0004
9400
1, 2, 5, 10
Alphanumeric marking
FP0005
9500
1, 2, 5, 10
Alphanumeric marking
FP0007
9700
1, 2, 5, 10
Alphanumeric marking
FP0010
9800
1, 2, 5, 10
Alphanumeric marking
FP0067
9550
1, 2, 5, 10
Alphanumeric marking
FP0069
7500
1, 2, 5, 10
Alphanumeric marking
7536
2, 5, 10
Color banded, 4 bands
7538
1
Color banded, 5 bands
MARKING
- DALE
- Value
- Tolerance
- Model and case size
(Date and source code included on some styles)
± 1 % tolerance parts are marked with 5 color bands.
5 bands, EIA Standard RS196.
± 2 %, ± 5 % and ± 10 % tolerance parts are marked with
4 color bands. 4 band commercial, EIA Standard.
Third significant figure
Multiplier Tolerance, 1-1/2 times size
First significant figure
Second significant figure
Multiplier
Tolerance
First significant figure
Second significant figure


Similar Part No. - FP0067

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
FP0060 SUTEX-FP0060 Datasheet
744Kb / 5P
   짹60V AC Switch with Current Fold-Back Protection
More results

Similar Description - FP0067

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP VISHAY-FP Datasheet
234Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Sep-13
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Mar-10
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 19-Nov-12
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
   Flameproof Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com