Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF6N80C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQPF6N80C
Description  N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6N80C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQPF6N80C Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 8Page - Fairchild Semiconductor FQPF6N80C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
December 2013
Thermal Characteristics
FQP6N80C / FQPF6N80C
N-Channel QFET® MOSFET
800 V, 5.5 A, 2.5 Ω
Description
©2003 Fairchild Semiconductor Corporation
FQP6N80C / FQPF6N80C Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
Features
• 5.5 A, 800 V, RDS(on) = 2.5 Ω (Max.) @ VGS = 10 V,
ID = 2.75 A
• Low Gate Charge (Typ. 21 nC)
• Low Crss (Typ. 8 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Symbol
Parameter
FQP6N80C
FQPF6N80C /
FQPF6N80CT
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
0.79
2.45
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ, Max.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
°C/W
TO-220
GD
S
TO-220F
G
DS
G
S
D
* Drain current limited by maximum junction temperature.
Symbol
Parameter
FQP6N80C
FQPF6N80C /
FQPF6N80CT
Unit
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
5.5
5.5 *
A
- Continuous (TC = 100°C)
3.2
3.2 *
A
IDM
Drain Current
- Pulsed
(Note 1)
22
22 *
A
VGSS
Gate-Source Voltage
±
30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
680
mJ
IAR
Avalanche Current
(Note 1)
5.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
158
51
W
- Derate above 25°C
1.27
0.41
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering,
1/8" from Case for 5 Seconds.
300
°C


Similar Part No. - FQPF6N80C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N80C FAIRCHILD-FQPF6N80C Datasheet
889Kb / 10P
   800V N-Channel MOSFET
FQPF6N80C FAIRCHILD-FQPF6N80C Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
More results

Similar Description - FQPF6N80C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com