Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-50C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-50C
Description  Meter Testing Clip With Needle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-50C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-50C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Meter Testing Clip With Needle
• Solid copper clip with beryllium copper piercing needle in the top jaw
• Jaw open 0.5” (12.7 mm) max
• Material: Solid copper
• Length: 2.28” (57.12 mm)
• Federal Spec: CID AA59466-013
• Rating: 20 Amps
• RoHS Compliant
Part Number:
BU-50C
Description:
Meter Testing Clip With
3907
Needle


Similar Part No. - BU-50C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-5050-B-12-0 ETC2-BU-5050-B-12-0 Datasheet
47Kb / 1P
   BNC Male on Both Ends
BU-5050-B-24-0 ETC2-BU-5050-B-24-0 Datasheet
47Kb / 1P
   BNC Male on Both Ends
BU-5050-B-36-0 ETC2-BU-5050-B-36-0 Datasheet
47Kb / 1P
   BNC Male on Both Ends
BU-5050-B-48-0 ETC2-BU-5050-B-48-0 Datasheet
47Kb / 1P
   BNC Male on Both Ends
BU-5050-B-60-0 ETC2-BU-5050-B-60-0 Datasheet
47Kb / 1P
   BNC Male on Both Ends
More results

Similar Description - BU-50C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-51C ETC2-BU-51C Datasheet
53Kb / 1P
   Meter Testing Clip
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
   Needle Tip, Replacement
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
   Needle valve assembly, brass
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
   analog needle for tuning
logo
Ralston Instruments.
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
   Needle valve assembly, stainless steel
logo
Broadcom Corporation.
BCM4389 BOARDCOM-BCM4389 Datasheet
2Mb / 22P
   Performance Testing
March 29, 2021
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
logo
Silicon Laboratories
AN273 SILABS-AN273 Datasheet
213Kb / 8P
   GR-909 TESTING WITH THE Si321X PROSLIC짰
logo
Keysight Technologies
5992-1602 KEYSIGHT-5992-1602 Datasheet
1Mb / 6P
   Anite Application Testing
logo
PHOENIX CONTACT
2950132 PHOENIX-2950132 Datasheet
119Kb / 3P
   Lamp testing modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com