Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT24C08A-UTR-B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FT24C08A-UTR-B
Description  Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C08A-UTR-B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FT24C08A-UTR-B Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 10Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 11Page - List of Unclassifed Manufacturers FT24C08A-UTR-B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
24C04A, 24C08A, 24C16A
Figure 8: SCL and SDA Bus Timing
AC CHARACTERISTICS
1.8 V
2.5-5.0 V
Symbol
Parameter
Min
Max
Min
Max
Unit
fSCL
Clock frequency, SCL
400
1000
kHz
tLOW
Clock pulse width low
1.3
0.4
µs
tHIGH
Clock pulse width high
0.6
0.4
µs
tI
Noise suppression time(1)
180
120
ns
tAA
Clock low to data out valid
0.3
0.9
0.2
0.55
µs
tBUF
Time the bus must be free before a
new transmission can start(1)
1.3
0.5
µs
tHD.STA
START hold time
0.6
0.25
µs
tSU.STA
START set-up time
0.6
0.25
µs
tHD.DAT
Data in hold time
0
0
µs
tSU.DAT
Data in set-up time
100
100
ns
tR
Input rise time(1)
0.3
0.3
µs
tF
Input fall time(1)
300
100
ns
tSU.STO
STOP set-up time
0.6
0.25
µs
tDH
Date out hold time
50
50
ns
WR
Write cycle time
5
5
ms
Endurance(1)
25oC, Page Mode, 3.3V
1,000,000
Write Cycles
Notes: 1. This Parameter is expected by characterization but are not fully screened by test.
2. AC Measurement conditions:
RL (Connects to Vcc): 1.3K
Input Pulse Voltages: 0.3Vcc to 0.7Vcc
Input and output timing reference Voltages: 0.5Vcc
DS3001M-page8
© 2009 Fremont Micro Devices Inc.


Similar Part No. - FT24C08A-UTR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C08A-UTR-B ETC2-FT24C08A-UTR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C08A-UTR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com