Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1673 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1673
Description  Portable System Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1673 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1673 Datasheet HTML 6Page - Dallas Semiconductor DS1673 Datasheet HTML 7Page - Dallas Semiconductor DS1673 Datasheet HTML 8Page - Dallas Semiconductor DS1673 Datasheet HTML 9Page - Dallas Semiconductor DS1673 Datasheet HTML 10Page - Dallas Semiconductor DS1673 Datasheet HTML 11Page - Dallas Semiconductor DS1673 Datasheet HTML 12Page - Dallas Semiconductor DS1673 Datasheet HTML 13Page - Dallas Semiconductor DS1673 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS1673
10 of 20
CU BIT TIMING Figure 6
3-WIRE SERIAL INTERFACE
Communication with the DS1673 is accomplished through a simple 3-wire interface consisting of the
Chip Select (CS), Serial Clock (SCLK) and Input/Output (I/O) pins.
All data transfers are initiated by driving the CS input high. The CS input serves two functions. First, CS
turns on the control logic which allows access to the shift register for the address/command sequence.
Second, the CS signal provides a method of terminating either single byte or multiple byte (burst) data
transfer. A clock cycle is a sequence of a rising edge followed by a falling edge. For data input, data
must be valid during the rising edge of the clock and data bits are output on the falling edge of the clock.
If the CS input goes low, all data transfer terminates and the I/O pin goes to a high impedance state.
Address and data bytes are always shifted LSB first into the I/O pin.
Any transaction requires the
address/command byte to specify a read or write to a specific register followed by 1 or more bytes of
data. The address byte is always the first byte entered after CS is driven high. The most significant bit
( RD /WR) of this byte determines if a read or write will take place. If this bit is 0, one or more read
cycles will occur. If this bit is 1, one or more write cycles will occur.
Data transfers can occur 1 byte at a time or in multiple byte burst mode. After CS is driven high an
address is written to the DS1673. After the address, 1 or more data bytes can be read or written. For a
single-byte transfer 1 byte is read or written and then CS is driven low. For a multiple-byte transfer,
multiple bytes can be read or written to the DS1673 after the address has been written. Each read or write
cycle causes the register address to automatically increment. Incrementing continues until the device is
disabled. After accessing register 0Eh, the address wraps to 00h.
Data transfer for single-byte transfer and multiple-byte burst transfer is illustrated in Figures 7 and 8.


Similar Part No. - DS1673

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673-3 MAXIM-DS1673-3 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673-5 MAXIM-DS1673-5 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673E-3 MAXIM-DS1673E-3 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673E-3++ MAXIM-DS1673E-3+ Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results

Similar Description - DS1673

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com