Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1673 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1673
Description  Portable System Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1673 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1673 Datasheet HTML 1Page - Dallas Semiconductor DS1673 Datasheet HTML 2Page - Dallas Semiconductor DS1673 Datasheet HTML 3Page - Dallas Semiconductor DS1673 Datasheet HTML 4Page - Dallas Semiconductor DS1673 Datasheet HTML 5Page - Dallas Semiconductor DS1673 Datasheet HTML 6Page - Dallas Semiconductor DS1673 Datasheet HTML 7Page - Dallas Semiconductor DS1673 Datasheet HTML 8Page - Dallas Semiconductor DS1673 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS1673
5 of 20
DS1673 ADDRESS MAP Figure 3
CLOCK, CALENDAR AND ALARM
The time and calendar information is accessed by reading/writing the appropriate register bytes. Note
that some bits are set to 0. These bits will always read 0 regardless of how they are written. Also note
that registers 0Fh to 7Fh are reserved. These registers will always read 0 regardless of how they are
written. The contents of the time, calendar, and alarm registers are in the Binary-Coded Decimal (BCD)
format. The DS1673 can run in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as
the 12- or 24-hour mode select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5
is the AM/PM bit with logic 1 being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20-23
hours).
The DS1673 also contains a time of day alarm. The alarm registers are located in registers 07h to 0Ah.
Bit 7 of each of the alarm registers are mask bits (see Table 1). When all of the mask bits are logic 0, an
alarm will occur once per week when the values stored in timekeeping registers 00h to 03h match the
values stored in the time of day alarm registers. An alarm will be generated every day when mask bit of
the day alarm register is set to 1. An alarm will be generated every hour when the day and hour alarm
mask bits are set to 1. Similarly, an alarm will be generated every minute when the day, hour, and minute
alarm mask bits are set to 1. When day, hour, minute, and seconds alarm mask bits are set to 1, an alarm
will occur every second.


Similar Part No. - DS1673

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673-3 MAXIM-DS1673-3 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673-5 MAXIM-DS1673-5 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673E-3 MAXIM-DS1673E-3 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1673E-3++ MAXIM-DS1673E-3+ Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results

Similar Description - DS1673

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com