Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP213E Datasheet(PDF) 4 Page - Exar Corporation

Part # SP213E
Description  Low Power, High ESD 5V RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP213E Datasheet(HTML) 4 Page - Exar Corporation

  SP213E Datasheet HTML 1Page - Exar Corporation SP213E Datasheet HTML 2Page - Exar Corporation SP213E Datasheet HTML 3Page - Exar Corporation SP213E Datasheet HTML 4Page - Exar Corporation SP213E Datasheet HTML 5Page - Exar Corporation SP213E Datasheet HTML 6Page - Exar Corporation SP213E Datasheet HTML 7Page - Exar Corporation SP213E Datasheet HTML 8Page - Exar Corporation SP213E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_0_052
4
PINOuT
TransmitterOutput@240kbps
R
L=3KΩ,CL=,000pF
TransmitterOutput@240kbps
R
L=3KΩ,CL=2,500pF


Similar Part No. - SP213E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP213E SIPEX-SP213E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213E EXAR-SP213E Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP213E EXAR-SP213E Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP213E EXAR-SP213E Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
logo
Sipex Corporation
SP213EA SIPEX-SP213EA Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
More results

Similar Description - SP213E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207E EXAR-SP207E Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com