Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1742W-120 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1742W-120
Description  Y2KC Nonvolatile Timekeeping RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1742W-120 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1742W-120 Datasheet HTML 4Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 5Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 6Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 7Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 8Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 9Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 10Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 11Page - Dallas Semiconductor DS1742W-120 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1742
11 of 12
AC TEST CONDITIONS
Output Load:
100 pF + 1TTL Gate
Input Pulse Levels:
0.0 to 3.0 Volts
Timing Measurement Reference Levels:
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5 ns
NOTES:
1. Voltage referenced to ground.
2. Typical values are at 25
°C and nominal supplies.
3. Outputs are open.
4. Battery switch-over occurs at the lower of either the battery voltage or VPF.
5. Data retention time is at 25
°C.
6. Each DS1742 has a built-in switch that disconnects the lithium source until VCC is first applied by the
user. The expected tDR is defined as a cumulative time in the absence of VCC starting from the time
power is first applied by the user.
7. Real Time Clock Modules can be successfully processed through conventional wave-soldering
techniques as long as temperature exposure to the lithium energy source contained within does not
exceed +85
°C.
Post-solder cleaning with water washing techniques is acceptable, provided that
ultrasonic vibration is not used to prevent damage to the crystal.


Similar Part No. - DS1742W-120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1742W-120 MAXIM-DS1742W-120 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742W-120++ MAXIM-DS1742W-120+ Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742W-120++ MAXIM-DS1742W-120+ Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
More results

Similar Description - DS1742W-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com