Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1801E Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1801E
Description  Dual Audio Taper Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1801E Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1801E Datasheet HTML 1Page - Dallas Semiconductor DS1801E Datasheet HTML 2Page - Dallas Semiconductor DS1801E Datasheet HTML 3Page - Dallas Semiconductor DS1801E Datasheet HTML 4Page - Dallas Semiconductor DS1801E Datasheet HTML 5Page - Dallas Semiconductor DS1801E Datasheet HTML 6Page - Dallas Semiconductor DS1801E Datasheet HTML 7Page - Dallas Semiconductor DS1801E Datasheet HTML 8Page - Dallas Semiconductor DS1801E Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS1801
5 of 10
CASCADE OPERATION
A feature of the DS1801 is the ability to control multiple devices from a single processor. Multiple
DS1801s can be linked or daisy-chained as shown in Figure 4. As a data bit is entered into the I/O shift
register of the DS1801, bit 0 of the I/O shift register will appear at the COUT output after a maximum delay
of 50 nanoseconds.
The COUT output of the DS1801 can be used to drive the D input of another DS1801. When connecting
multiple devices, the total number of bits sent is always 16 times the number of DS1801s in the daisy
chain.
An optional feedback resistor can be placed between the C OUT terminal of the last device and the D input
of the first DS1801 thus allowing the controlling processor to read as well as write data or circularly
clock data through the daisy chain. The value of the feedback or isolation resistor should be in the range
from 2 to 10 kohms.
When reading data via the COUTpin and isolation resistor, the D line is left floating by the reading device.
When RST is driven high, bit 0 is present on the COUT pin, which is fed back to the input D pin through
the isolation resistor. When the CLK input transitions low to high, bit 0 is loaded into the first position of
the I/O shift register and bit 1 becomes present on COUT and D of the next device. After 16 bits (or 16
times the number of DS1801s in the daisy chain), the data has shifted completely around and back to its
original position. When RST transitions to the low state to end data transfer, the value (the same as before
the read occurred) is loaded into wiper-0 and wiper-1.
CASCADING MULTIPLE DEVICES Figure 4
Zero-Crossing Detection
The DS1801 provides a zero-crossing detection capability that minimizes any audible noise that may
result from sizable discrete wiper transitions when using the part in audio applications. The zero-crossing
detect feature allows independent wiper changes only when the two terminals of the potentiometer have
equal potentials and are within a 50 ms time window from the fall of the RST signal. If at 50 ms the
DS1801 has not detected a zero-crossing, the wiper position of the potentiometer(s) will change
regardless of the state of the input signal. Zero-crossing detection is activated when the ZCEN input level
is in a low-state. When high, the ZCEN input deactivates both the 50 ms time requirement and zero
detection crossing.


Similar Part No. - DS1801E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
More results

Similar Description - DS1801E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com