Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1803-010 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1803-010
Description  Addressable Dual Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1803-010 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1803-010 Datasheet HTML 3Page - Dallas Semiconductor DS1803-010 Datasheet HTML 4Page - Dallas Semiconductor DS1803-010 Datasheet HTML 5Page - Dallas Semiconductor DS1803-010 Datasheet HTML 6Page - Dallas Semiconductor DS1803-010 Datasheet HTML 7Page - Dallas Semiconductor DS1803-010 Datasheet HTML 8Page - Dallas Semiconductor DS1803-010 Datasheet HTML 9Page - Dallas Semiconductor DS1803-010 Datasheet HTML 10Page - Dallas Semiconductor DS1803-010 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS1803
8 of 11
5. After this period, the first clock pulse is generated.
6. A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the
VIHMIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
7. The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCL signal.
8. A fast mode device can be used in a standard mode system, but the requirement tSU:DAT > 250 ns must
then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next
data bit to the SDA line tRMAX+ tSU:DAT = 1000 + 250=1250 ns before the SCL line is released.
9. CB - total capacitance of one bus line in picofarads, timing referenced to (0.9)(VCC) and (0.1)(VCC).
10. Typical values are for tA = 25
°C and nominal supply voltage.
11. -3 dB cutoff frequency characteristics for the DS1803 depend on potentiometer total resistance:
DS1803-010; 1 MHz, DS1803-50; 200 kHz, DS1803-100; 100 kHz.
12. Address Inputs, A0, A1, and A2, should be tied to either VCC or GND depending on the desired
address selections.
13. Absolute linearity is used to determine wiper voltage versus expected voltage as determined by wiper
position. Device test limits are
±1.6 LSB.
14. Relative linearity is used to determine the change in voltage between successive tap positions. Device
test limits
±0.5 LSB.
15. Fast mode.
16. Standard mode.
17. Valid at 25
°C only.


Similar Part No. - DS1803-010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1803-100+T&R MAXIM-DS1803-100+T&R Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
More results

Similar Description - DS1803-010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
   Addressable Digital Potentiometer
Rev 0; 4/02
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com