Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1804U-100 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1804U-100
Description  NV Trimmer Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1804U-100 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1804U-100 Datasheet HTML 1Page - Dallas Semiconductor DS1804U-100 Datasheet HTML 2Page - Dallas Semiconductor DS1804U-100 Datasheet HTML 3Page - Dallas Semiconductor DS1804U-100 Datasheet HTML 4Page - Dallas Semiconductor DS1804U-100 Datasheet HTML 5Page - Dallas Semiconductor DS1804U-100 Datasheet HTML 6Page - Dallas Semiconductor DS1804U-100 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
102699
FEATURES
Single 100-position taper potentiometer
Nonvolatile “on-demand” wiper storage
Operates from 3V or 5V supplies
Up/down, increment-controlled interface
Available in 8-pin (300-mil) DIP, 8-pin
(150-mil) SOIC, 8-pin (118-mil) µSOP, and
Flip Chip packages
Operating Temperature:
Industrial:
-40ºC to +85ºC
Standard Resistance Values:
DS1804-010 10 k
DS1804-050 50 k
DS1804-100 100 k
PIN ASSIGNMENT
PIN DESCIPTION
H
- High-Terminal of Potentiometer
L
- Low-Terminal of Potentiometer
W
- Wiper of Potentiometer
VCC
- 3V or 5V Power Supply
CS
- Chip Select
U/ D
- Up/Down Control
INC
- Increment/Decrement Wiper Control
GND
- Ground
DESCRIPTION
The DS1804 NV Trimmer Potentiometer is a nonvolatile digital potentiometer having 100 positions. The
device provides an ideal method for low-cost trimming applications using a CPU or manual control input
with minimal external circuitry. Wiper position of the DS1804 can be stored in EEPROM memory on
demand. The device’s wiper position is manipulated by a 3-terminal port that provides an increment/
decrement counter controlled interface. This port consists of the control inputs CS , INC , and U/ D . The
DS1804 is available in three resistor grades, which include a 10 k
Ω, 50 kΩ, and 100 kΩ. The device is
provided in an industrial temperature grade. Additionally, the DS1804 will operate from 3V or 5V
supplies and is ideal for portable application requirements. Three packaging options are available and
include the 8-pin (300-mil) DIP, 8-pin (150-mil) SOIC, 8-pin (118-mil) uSOP, and the Flip Chip
Package.
DS1804
NV Trimmer Potentiometer
www.dalsemi.com
INC
1
8
VCC
U/D
2
7
CS
H
3
6
L
GND
4
5
W
8-Pin DIP (300-mil)
8-Pin SOIC (150-mil)
8-Pin uSOP (118-mil)
8-Pin Flip Chip Package
See Mech. Drawings Section


Similar Part No. - DS1804U-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1804U-100 MAXIM-DS1804U-100 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
DS1804U-100 MAXIM-DS1804U-100 Datasheet
172Kb / 10P
   Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
More results

Similar Description - DS1804U-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com