Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1816-10 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1816-10
Description  3.3V EconoReset with Open Drain Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1816-10 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1816-10 Datasheet HTML 1Page - Dallas Semiconductor DS1816-10 Datasheet HTML 2Page - Dallas Semiconductor DS1816-10 Datasheet HTML 3Page - Dallas Semiconductor DS1816-10 Datasheet HTML 4Page - Dallas Semiconductor DS1816-10 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS1816
5 of 5
NOTES:
1. All voltages are referenced to ground.
2. Measured with VCC
≥ 2.7V.
3. A 1k
Ω=external pull-up resistor may be required in some applications for proper operation of the
microprocessor reset control circuit.
4. Measured with RST output open.
5. Measured with 2.7V
≤ V
CC
≤ 3.3V.
6. tR = 5
µs.
7. VOH and IOH are a function of the value of RP and the associated output load conditions.
8. The tF value is for reference in defining values for TRPD and should not be considered a requirement
for proper operation or use of the device.
PART MARKING CODES
“A”, “B”, &“C” represent the device type.
810 . . . . DS1810
811 . . . . DS1811
812 . . . . DS1812
813 . . . . DS1813
815 . . . . DS1815
816 . . . . DS1816
817 . . . . DS1817
818 . . . . DS1818
“D” represents the device tolerance.
A . . . . . . 5%
B . . . . . . 10%
C . . . . . . 15%
D . . . . . . 20%


Similar Part No. - DS1816-10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
   3.3V EconoReset with Open Drain Output
041002
logo
Dallas Semiconductor
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
   3.3V EconoReset with Open Drain Output
More results

Similar Description - DS1816-10

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
   3.3V EconoReset with Open Drain Output
logo
Maxim Integrated Produc...
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
   3.3V EconoReset with Open Drain Output
041002
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
   5V EconoReset with Open Drain Output
041002
logo
Dallas Semiconductor
DS1811 DALLAS-DS1811 Datasheet
48Kb / 5P
   5V EconoReset with Open Drain Output
logo
Maxim Integrated Produc...
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
   3.3V EconoReset with Push-Pull Output
041002
logo
Dallas Semiconductor
DS1815 DALLAS-DS1815 Datasheet
53Kb / 5P
   3.3V EconoReset with Push-Pull Output
DS1818 DALLAS-DS1818 Datasheet
61Kb / 5P
   3.3V EconoReset with Pushbutton
logo
Maxim Integrated Produc...
DS1818 MAXIM-DS1818 Datasheet
117Kb / 6P
   3.3V EconoReset with Pushbutton
Rev 1; 3/15
DS1233A MAXIM-DS1233A Datasheet
106Kb / 5P
   3.3V EconoReset
122001
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com