Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1821 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1821 Datasheet HTML 1Page - Dallas Semiconductor DS1821 Datasheet HTML 2Page - Dallas Semiconductor DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS1821
5 of 16
A status register is also present, indicating the status of the thermostatic control, and allowing
configuration of the output polarity as either active high or active low, and establishes the power-up state
of the device.
The status register is defined as follows:
where,
DONE = Conversion Done bit. 1 = Conversion complete, 0 = conversion in progress.
THF
= Temperature High Flag. This bit will normally be 0, but will be set to 1 when the temperature
exceeds the value of TH. It will remain 1 until reset by writing 0 into this location. This feature provides a
method of determining if the DS1821 has ever been subjected to temperatures above TH. This bit is
nonvolatile, and is stored in E2 memory.
TLF
= Temperature Low Flag. This bit will normally be 0, but will be set to 1 when the temperature
is lower than the value of TL. It will remain 1 until reset by writing 0 into this location. This feature
provides a method of determining if the DS1821 has ever been subjected to temperatures below TL. This
bit is nonvolatile, and is stored in E2 memory.
NVB
= Nonvolatile memory busy flag. 1 = Write to an E2 memory cell in progress, 0 = nonvolatile
memory is not busy. A write to E2 may take up to 10 ms.
T/R*
= Power-up mode bit. If set to a 1, the DS1821 will power up in a thermostat mode. If set to a
0, the device will power up in 1-Wire “read” mode. This bit is nonvolatile.
POL
= Output Polarity Bit. 1 = active high, 0 = active low. This bit is nonvolatile.
1SHOT = One-Shot Mode. If 1SHOT is 1, the DS1821 will perform one temperature conversion upon
reception of the Start Convert T protocol. If 1SHOT is 0, the DS1821 will continuously perform
temperature conversions. Note that the One-Shot mode is available only when the device is in 1-Wire
mode. In thermostat mode, the device continuously performs temperature conversions. This bit is
nonvolatile.
DONE
1
NVB
THF
TLF
T/R
POL
1SHOT


Similar Part No. - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
   Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Dallas Semiconductor
DS1821++ DALLAS-DS1821+ Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821C++ MAXIM-DS1821C+ Datasheet
800Kb / 19P
   Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Dallas Semiconductor
DS1821S DALLAS-DS1821S Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
More results

Similar Description - DS1821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
   Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
   DIGITAL THERMOSTAT
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com