Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQP4473MU Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQP4473MU
Description  Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP4473MU Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQP4473MU Datasheet HTML 1Page - Panasonic Semiconductor ECQP4473MU Datasheet HTML 2Page - Panasonic Semiconductor ECQP4473MU Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
GRated voltage : 630 VDC, Capacitance tolerance : ±2 %(G), ±5 %(J), ±10 %(K)
Part No.
ECQP6102MU(
)
0.0010
14.5
5.0
15.5
10.0
0.60
ECQP6122MU(
)
0.0012
14.5
5.5
15.5
10.0
0.60
ECQP6152MU(
)
0.0015
14.5
5.5
15.5
10.0
0.60
ECQP6182MU(
)
0.0018
14.5
5.5
15.5
10.0
0.60
ECQP6222MU(
)
0.0022
14.5
5.5
15.5
10.0
0.60
ECQP6272MU(
)
0.0027
14.5
5.5
16.0
10.0
0.60
ECQP6332MU(
)
0.0033
14.5
6.0
16.5
10.0
0.60
ECQP6392MU(
)
0.0039
14.5
6.0
18.5
10.0
0.60
ECQP6472MU(
)
0.0047
14.5
6.5
18.5
10.0
0.60
ECQP6562MU(
)
0.0056
14.5
7.0
19.0
10.0
0.60
ECQP6682MU(
)
0.0068
19.5
5.5
18.6
10.0
0.60
ECQP6822MU(
)
0.0082
19.5
6.0
19.0
10.0
0.60
ECQP6103MU(
)
0.010
19.5
6.0
19.4
10.0
0.60
ECQP6123MU(
)
0.012
19.5
6.5
19.8
10.0
0.60
ECQP6153MU(
)
0.015
19.5
7.0
20.4
15.0
0.60
ECQP6183MU(
)
0.018
19.5
7.0
22.6
15.0
0.60
ECQP6223MU(
)
0.022
19.5
8.0
23.4
15.0
0.60
ECQP6273MU(
)
0.027
19.5
8.5
24.2
15.0
0.60
ECQP6333MU(
)
0.033
24.5
8.0
23.2
15.0
0.80
ECQP6393MU(
)
0.039
24.5
8.5
23.8
15.0
0.80
ECQP6473MU(
)
0.047
24.5
9.0
24.6
15.0
0.80
ECQP6563MU(
)
0.056
24.5
10.0
27.4
20.0
0.80
ECQP6683MU(
)
0.068
24.5
11.0
28.4
20.0
0.80
ECQP6823MU(
)
0.082
29.5
10.5
25.6
20.0
0.80
ECQP6104MU(
)
0.10
29.5
11.5
26.8
20.0
0.80
Cap.
(µF)
500
400
Dimensions (mm)
L max.
T max.
S
ød
H max.
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 400 VDC, Capacitance tolerance : ±2 %(G), ±5 %(J), ±10 %(K)
Part No.
ECQP4822MU(
)
0.0082
19.5
6.0
16.0
10.0
0.60
ECQP4103MU(
)
0.010
19.5
6.5
16.5
10.0
0.60
ECQP4123MU(
)
0.012
19.5
6.5
18.5
10.0
0.60
ECQP4153MU(
)
0.015
19.5
6.0
18.5
10.0
0.60
ECQP4183MU(
)
0.018
19.5
6.0
19.0
10.0
0.60
ECQP4223MU(
)
0.022
19.5
6.0
19.4
10.0
0.60
ECQP4273MU(
)
0.027
19.5
6.5
20.0
10.0
0.60
ECQP4333MU(
)
0.033
19.5
7.0
21.8
15.0
0.60
ECQP4393MU(
)
0.039
19.5
7.5
22.8
15.0
0.60
ECQP4473MU(
)
0.047
19.5
8.0
23.4
15.0
0.60
ECQP4563MU(
)
0.056
24.5
7.0
22.0
15.0
0.80
ECQP4683MU(
)
0.068
24.5
7.5
23.0
15.0
0.80
ECQP4823MU(
)
0.082
24.5
8.5
23.8
15.0
0.80
ECQP4104MU(
)
0.10
24.5
9.0
26.6
20.0
0.80
ECQP4124MU(
)
0.12
24.5
10.0
27.4
20.0
0.80
ECQP4154MU(
)
0.15
24.5
11.0
28.6
20.0
0.80
ECQP4184MU(
)
0.18
29.5
10.5
26.0
20.0
0.80
ECQP4224MU(
)
0.22
29.5
11.5
27.0
20.0
0.80
ECQP4274MU(
)
0.27
29.5
13.0
28.4
20.0
0.80
ECQP4334MU(
)
0.33
29.5
15.0
29.8
20.0
0.80
ECQP4394MU(
)
0.39
35.0
15.0
30.0
20.0
0.80
ECQP4474MU(
)
0.47
35.0
16.5
31.4
20.0
0.80
Cap.
(µF)
500
400
500
400
300
Dimensions (mm)
L max.
T max.
S
ød
H max.
Suffix for lead crimped or taped type.
Cap. tol. code
Ammo
Ammo
Quantity
Quantity
Style D: 0.033 µF to 0.047 µF, 0.10 µF to 0.15 µF
Style B: 0.0082 µF to 0.027 µF, 0.056 µF to 0.082 µF, 0.18 µF to 0.47 µF
Style D: 0.0010 µF to 0.0056 µF, 0.015 µF to 0.027 µF, 0.056 µF to 0.068 µF
Style B: 0.0068 µF to 0.012 µF, 0.033 µF to 0.047 µF, 0.082 µF to 0.10 µF
LL
Please consult us for straight lead wire type.
....
Mar. 2006


Similar Part No. - ECQP4473MU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP4473MU PANASONIC-ECQP4473MU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
More results

Similar Description - ECQP4473MU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com