Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1868 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1868
Description  Dual Digital Potentiometer Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1868 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1868 Datasheet HTML 6Page - Dallas Semiconductor DS1868 Datasheet HTML 7Page - Dallas Semiconductor DS1868 Datasheet HTML 8Page - Dallas Semiconductor DS1868 Datasheet HTML 9Page - Dallas Semiconductor DS1868 Datasheet HTML 10Page - Dallas Semiconductor DS1868 Datasheet HTML 11Page - Dallas Semiconductor DS1868 Datasheet HTML 12Page - Dallas Semiconductor DS1868 Datasheet HTML 13Page - Dallas Semiconductor DS1868 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1868
11 of 14
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
3, 6
Output Capacitance
COUT
7
pF
3, 6
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CLK Frequency
fCLK
DC
10
MHz
10
Width of CLK Pulse
tCH
50
ns
10
Data Setup Time
tDC
30
ns
10
Data Hold Time
tCDH
10
ns
10
Propagation Delay Time Low to High Level
Clock to Output
tPLH
50
ns
10, 13
Propagation Delay Time High to Low Level
tPLH
50
ns
10, 13
RST
High to Clock Input High
tCC
50
ns
10
RST
Low from Clock Input High
tHLT
50
ns
10
RST
Inactive
tRLT
125
ns
10
Clock Low to Data Valid on a Read
tCDD
30
ns
10
CLK Rise Time, CLK Fall Time
tCR
50
ns
10
NOTES:
1. All voltages are referenced to ground.
2. Resistor inputs cannot exceed VB - 0.5V in the negative direction.
3. Capacitance values apply at 25
°C.
4. Absolute linearity is used to determine wiper voltage versus expected voltage as determined by wiper
position. Device test limits
±1.6 LSB.
5. Relative linearity is used to determine the change in voltage between successive tap positions. Device
test limits
±0.5 LSB.
6. Typical values are for tA = 25
°C and nominal supply voltage.
7. -3 dB cutoff frequency characteristics for the DS1868 depend on potentiometer total resistance:
DS1868-010; 1 MHz, DS1868-050; 200 kHz; and DS1868-100; 80 kHz.
8. Cout is active regardless of the state of RST .
9. VREF = 1.5 volts.
10. See Figure 9(a), (b), and (c).
11. Noise < -120 dB/ Hz . Reference 1 volt (thermal).
12. Supply current is dependent on clock rate (see Figure 11).
13. See Figure 10.
14. Standby currents apply when RST , LLIC, DQ are in the low-state.
15. When biasing the substrate minimum VB = -3.0V
±10% and maximum V
CC = 3.0V
±10%.
16. Valid at 25
°C only.


Similar Part No. - DS1868

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
   Dual Digital Potentiometer Chip
100899
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868BE-010++ MAXIM-DS1868BE-010+ Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868BE-050++ MAXIM-DS1868BE-050+ Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
More results

Similar Description - DS1868

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
   Dual Digital Potentiometer Chip
100899
logo
Dallas Semiconductor
DS1267 DALLAS-DS1267 Datasheet
312Kb / 12P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com