Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1868-50 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1868-50
Description  Dual Digital Potentiometer Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1868-50 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1868-50 Datasheet HTML 5Page - Dallas Semiconductor DS1868-50 Datasheet HTML 6Page - Dallas Semiconductor DS1868-50 Datasheet HTML 7Page - Dallas Semiconductor DS1868-50 Datasheet HTML 8Page - Dallas Semiconductor DS1868-50 Datasheet HTML 9Page - Dallas Semiconductor DS1868-50 Datasheet HTML 10Page - Dallas Semiconductor DS1868-50 Datasheet HTML 11Page - Dallas Semiconductor DS1868-50 Datasheet HTML 12Page - Dallas Semiconductor DS1868-50 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1868
9 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground (VB=GND)
-1.0V to +7.0V
Voltage on Any Pin when VB=-3.3V
-3.3V to +4.7V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC
OPERATING CONDITIONS
(-40
°C to +85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
2.7
5.5
3.3
V
1
15
Input Logic 1
VIH
2.0
VCC+0.5
V
1, 2
Input Logic 0
VIL
-0.5
+0.8
V
1, 2
Ground
GND
GND
GND
V
1
Resistor Inputs
L, H, W
VB-0.5
VCC+0.5
V
2, 15
Substrate Bias
VB
-3.3
GND
V
1, 15
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
400
µA
12
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
Wiper Current
IW
1
mA
Logic 1 Output @ 2.4 Volts
IOH
-1
mA
8, 9
Logic 0 Output @ 0.4 Volts
IOL
4
mA
8, 9
Standby Current
ISTBY
1
µA
14
ANALOG RESISTOR CHARACTERISTICS
(-40
°C to +85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor Tolerance
-20
+20
%
16
Absolute Linearity
±0.75
LSB
4
Relative Linearity
±0.3
LSB
5
-3 dB Cutoff Frequency
FCUTOFF
Hz
7
Noise Figure
11
Temperature Coefficient
750
ppm/C


Similar Part No. - DS1868-50

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
   Dual Digital Potentiometer Chip
100899
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868BE-010++ MAXIM-DS1868BE-010+ Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868BE-050++ MAXIM-DS1868BE-050+ Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
More results

Similar Description - DS1868-50

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
   Dual Digital Potentiometer Chip
100899
logo
Dallas Semiconductor
DS1267 DALLAS-DS1267 Datasheet
312Kb / 12P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com